Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR35H160-WC Datasheet(PDF) 11 Page - Rohm

Part # BR35H160-WC
Description  Automotive Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR35H160-WC Datasheet(HTML) 11 Page - Rohm

Back Button BR35H160-WC Datasheet HTML 7Page - Rohm BR35H160-WC Datasheet HTML 8Page - Rohm BR35H160-WC Datasheet HTML 9Page - Rohm BR35H160-WC Datasheet HTML 10Page - Rohm BR35H160-WC Datasheet HTML 11Page - Rohm BR35H160-WC Datasheet HTML 12Page - Rohm BR35H160-WC Datasheet HTML 13Page - Rohm BR35H160-WC Datasheet HTML 14Page - Rohm BR35H160-WC Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
BR35H□□□-WC Series
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
High speed operations
In order to realize stable high speed operations, pay attention to the following input / output pin conditions.
Input pin pull up, pull down resistance
When attaching pull up, pull down resistance to the EEPROM input pin, select an appropriate value for the
microcontroller VOL, IOL from the VIL characteristics of this IC.
Pull up resistance
Also, in order to prevent malfunction or erroneous write at power ON/OFF, be sure to make CSB pull up.
Pull down resistance
The operations speed changes according to the amplitude VIHE, VILE of the signals input to the EEPROM. More stable
high speed operations can be realized by inputting signals with Vcc / GND levels of amplitude. On the contrary, when
signals with an amplitude of 0.8Vcc / 0.2Vcc are input, operation speed slows down.
*1
In order to realize more stable high speed operation, it is recommended to set the values of RPU, RPD as large as possible,
and to have the amplitude of the signals input to the EEPROM close to the Vcc / GND amplitude level.
(
*1 In this case, the guaranteed value of operating timing is guaranteed.)
SO load capacitance condition
The load capacitance of the SO output pin affects the SO output delay characteristic. (Data output delay time, time from
HOLDB to High-Z, output rise time, output fall time.). Make the SO load capacitance small to improve the output delay
characteristic.
Other cautions
Make all wires from the microcontroller to EEPROM input pin the same length. This in order to prevent setup / hold
violation to the EEPROM.
IOLM
VILE
VOLM
“L” output
“L” input
Microcontroll
EEPROM
RPU
Fig.44 Pull up resistance
RPU
5-0.4
2×10
-3
RPU
2.3[kΩ]
Example) When Vcc=5V, VILE=1.5V, VOLM=0.4V, IOLM=2mA,
from the equation ①,
IOHM
VIHE
VOHM
Microcontroll
EEPROM
“H” output
“H” input
RPD
Fig.45 Pull down resistance
RPD
VOHM
IOHM
・・・③
VOHM
VIHE
・・・④
Example) When VCC=5V, VOHM=VCC-0.5V, IOHM=0.4mA,
VIHE=VCC×0.7V, from the equation③,
RPD
5-0.5
0.4×10
-3
RPU
11.3[kΩ]
EEPROM
SO
CL
Fig.46 SO load dependency of data output delay time tPD
RPU
VCC-VOLM
IOLM
・・・①
VOLM
VILE
・・・②
With the value of Rpu to satisfy the above equation, VOLM
becomes 0.4V or lower, and with VILE (=1.5V), the equation ② is
also satisfied.
VILE :EEPROM VIL specifications
VOLM :Microcontroller VOL specifications
IOLM :Microcontroller IOL specifications


Similar Part No. - BR35H160-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC Datasheet
168Kb / 5P
   Silicon Monolithic Integrated Circuit
BR35H160-WC ROHM-BR35H160-WC Datasheet
399Kb / 17P
   125??SPI BUS ICs BR35 Family
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
399Kb / 17P
   125??SPI BUS ICs BR35 Family
More results

Similar Description - BR35H160-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC_10 Datasheet
446Kb / 20P
   Automotive Series Serial EEPROMs
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com