Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7S-14P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P7S-14P
Description  Plug-In Safety Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7S-14P Datasheet(HTML) 4 Page - Omron Electronics LLC

  P7S-14P Datasheet HTML 1Page - Omron Electronics LLC P7S-14P Datasheet HTML 2Page - Omron Electronics LLC P7S-14P Datasheet HTML 3Page - Omron Electronics LLC P7S-14P Datasheet HTML 4Page - Omron Electronics LLC P7S-14P Datasheet HTML 5Page - Omron Electronics LLC P7S-14P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
G7S
5
J
SAFETY RELAY SOCKETS
P7S-14F DIN Rail-mounting Socket or Screw Mounting
Terminal Installation/Internal
Connection Diagram
(Top View)
40 max.
90.5 max.
(3.56)
69 max.
(2.72)
47 max.
40 max.
(1.57)
47 max.
(1.85)
Cross-section of
Mounting Holes
With Safety Relay Mounted
7.5
4
31.3
7x4= 28
P7S-14A Panel-mounting Socket
(Solder Terminals)
61.5 max.
(2.42)
23 max.
(0.91)
33 max.
(1.30)
39 max.
(1.54)
Terminal Installation/Internal
Connection Diagram
(Bottom View)
G7S-4A2B
G7S-3A3B
With Safety Relay Mounted
Cross-section of
Mounting Holes
(0.83)
(2.24)


Similar Part No. - P7S-14P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P7S-14P-E OMRON-P7S-14P-E Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results

Similar Description - P7S-14P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
   Miniature plug-in relay
RPM12F7 SCHNEIDER-RPM12F7 Datasheet
140Kb / 6P
   Power plug-in relay
logo
Tyco Electronics
XT374LC4 MACOM-XT374LC4 Datasheet
298Kb / 3P
   Interface Plug-in Relay
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
   Miniature plug-in relay
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com