Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L86-W Datasheet(PDF) 9 Page - Rohm

Part # BR93L86-W
Description  High Reliability Series EEPROMs Microwire BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L86-W Datasheet(HTML) 9 Page - Rohm

Back Button BR93L86-W Datasheet HTML 5Page - Rohm BR93L86-W Datasheet HTML 6Page - Rohm BR93L86-W Datasheet HTML 7Page - Rohm BR93L86-W Datasheet HTML 8Page - Rohm BR93L86-W Datasheet HTML 9Page - Rohm BR93L86-W Datasheet HTML 10Page - Rohm BR93L86-W Datasheet HTML 11Page - Rohm BR93L86-W Datasheet HTML 12Page - Rohm BR93L86-W Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
9/40
www.rohm.com
2011.02 - Rev.F
© 2011 ROHM Co., Ltd. All rights reserved.
BR93A□□-WM Characteristic data (The following characteristic data are Typ. values.)
Fig.44 SK frequency fSK
Fig.46 SK low time tSKL
Fig.45 SK high time tSKH
Fig.47 CS low time tCS
Fig.49 CS setup time tCSS
Fig.48 CS hold time tCSH
Fig.50 DI hold time tDIH
Fig.52 Data “0” output delay time tPD0
Fig.51 DI setup time tDIS
Fig.53 Output data “1” delay time tPD1
Fig.55 Time from CS to High-Z tDF
Fig.54 Time from CS to output establishment tSV
Fig.56 Write cycle time tE/W


Similar Part No. - BR93L86-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L86-W ROHM-BR93L86-W Datasheet
321Kb / 6P
   Microwire BUS 16Kbit(1,024 x 16bit) EEPROM
BR93L86-W ROHM-BR93L86-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L86-W ROHM-BR93L86-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L86-W ROHM-BR93L86-W Datasheet
1Mb / 39P
   Microwire BUS EEPROM
More results

Similar Description - BR93L86-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com