Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6S Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G6S
Description  Low Signal Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G6S Datasheet HTML 4Page - Omron Electronics LLC G6S Datasheet HTML 5Page - Omron Electronics LLC G6S Datasheet HTML 6Page - Omron Electronics LLC G6S Datasheet HTML 7Page - Omron Electronics LLC G6S Datasheet HTML 8Page - Omron Electronics LLC G6S Datasheet HTML 9Page - Omron Electronics LLC G6S Datasheet HTML 10Page - Omron Electronics LLC G6S Datasheet HTML 11Page - Omron Electronics LLC G6S Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
104
Low Signal Relay
G6S
Precautions
• Use a DC power supply with 5% or less ripple factor to operate the coil.
• Do not use the G6S where subject to strong external magnetic fields.
• Do not use the G6S where subject to magnetic particles or excessive
amounts of dust.
• Do not reverse the polarity of the coil (+,
−).
• Latching types are delivered in the reset position. We recommend
that a reset voltage be applied in advance to start operation.
• Do not drop the G6S or otherwise subject it to excessive shock.
• Remove the relay from the packing immediately prior to usage.
■ Correct use
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON continuously
for long periods (without switching) can lead to unstable contacts
because the heat generated by the coil itself will affect the insulation,
causing a film to develop on the contact surfaces. We recommend
using a latching relay (magnetic-holding relay) in this kind of circuit. If
a single-side stable model must be used in this kind of circuit, we rec-
ommend using a fail-safe circuit design that provides protection
against contact failure or coil burnout.
Relay Handling
Use the Relay as soon as possible after opening the moisture-proof
package. If the Relay is left for a long time after opening the mois-
ture-proof package, the appearance may suffer and seal failure may
occur after the solder mounting process. To store the Relay after
opening the moisture-proof package, place it into the original pack-
age and sealed the package with adhesive tape.
When washing the product after soldering the Relay to a PCB, use a
water-based solvent or alcohol-based solvent, and keep the solvent
temperature to less than 40°C. Do not put the Relay in a cold clean-
ing bath immediately after soldering.
G6S (K) (-U) -2 Soldering
• Soldering temperature: Approx. 250
°C (At 260°C if the DWS
method is used.)
• Soldering time: Approx. 5 s max. (Approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used.)
• Be sure to adjust the level of the molten solder so that the solder
will not overflow onto the PCB.
Claw Securing Force During Automatic Mounting
During automatic insertion of Relays, be sure to set the securing
force of each claw to the following so that the Relay’s characteristics
will be maintained.
A
C
B
Dimension A: 1.96 N max.
Dimension B: 4.90 N max.
Dimension C: 1.96 N max.


Similar Part No. - G6S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S OMRON-G6S Datasheet
781Kb / 12P
   Low Signal Relay
G6S OMRON-G6S Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
G6S-2 OMRON-G6S-2 Datasheet
153Kb / 9P
   Low Signal Relay
G6S-2 OMRON-G6S-2 Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2 OMRON-G6S-2 Datasheet
765Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com