Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6S
Description  Low Signal Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6S Datasheet HTML 1Page - Omron Electronics LLC G6S Datasheet HTML 2Page - Omron Electronics LLC G6S Datasheet HTML 3Page - Omron Electronics LLC G6S Datasheet HTML 4Page - Omron Electronics LLC G6S Datasheet HTML 5Page - Omron Electronics LLC G6S Datasheet HTML 6Page - Omron Electronics LLC G6S Datasheet HTML 7Page - Omron Electronics LLC G6S Datasheet HTML 8Page - Omron Electronics LLC G6S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
96
Low Signal Relay
G6S
Specification
■ Contact Data
Note: P level:
λ
60 = 0.1 x 10
-6/operation
This value was measured at a switching frequency of 120 operations/min and the criterion of contact resistance is 50
Ω. This value may vary
depending on the operating environment. Always double-check relay suitability under actual operating conditions.
■ Coil Data
G6S - Standard Non-latching (G6S-2F, G6S-2G, G6S-2)
G6SU - Standard Single Coil Latching (G6SU-2F, G6SU-2G, G6SU-2)
G6SK - Standard Dual Coil Latching (G6SK-2F, G6SK-2G, G6SK-2)
G6S - European Version, Non-latching (G6S-2F-Y, G6S-2G-Y, G6S-2-Y)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. Pick-up voltage will vary with temperature.
4. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Load
Resistive load (cos
φ = 1)
Rated load
0.5 A at 125 VAC
2 A at 30 VDC
Contact material
Ag (Au clad)
Max. carry current
2 A
Max. operating voltage
250 VAC, 220 VDC
Max. operating current
2 A
Max. switching capacity
62.5 VA, 60 W
Min. permissible load
10
μA, 10 mVDC
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power consumption (mW)
% of rated voltage
3
46.7
64.3
75% max.
10% max.
200% max.@ 23
°C
Approx. 140
4.5
31.0
145
5
28.1
178
12
11.7
1,028
24
8.3
2,880
170% max.@ 23
°C
Approx. 200
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil Inductance (H)
(ref. value)
Set pick-up
voltage
Reset pick-up
voltage
Maximum volt-
age
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
3
33.3
90
0.108
0.069
75% max.
75% max.
180% max.
@ 23
°C
Approx. 100
4.5
22.2
203
0.27
0.14
5
20.0
250
0.36
0.18
12
8.3
1,440
2.12
1.14
24
6.3
3,840
5.80
3.79
Approx. 150
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil Inductance (H)
(ref. value)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set
Reset
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
66.6
45
0.045
0.035
0.032
0.045
75% max.
75% max.
170% max.
@ 23
°C
Approx. 200
4.5
44.4
101
0.12
0.074
0.082
0.14
5
40
125
0.14
0.088
0.098
0.16
12
16.7
720
0.60
0.41
0.46
0.54
24
12.5
1,920
1.98
1.23
1.34
2.23
140% max.
@ 23
°C
Approx. 300
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power consumption (mW)
% of rated voltage
5
40.0
125
75% max.
10% max.
170% max.@ 23
°C
Approx. 200
12
16.7
720
24
9.6
2,504
Approx. 230


Similar Part No. - G6S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S OMRON-G6S Datasheet
781Kb / 12P
   Low Signal Relay
G6S OMRON-G6S Datasheet
1Mb / 21P
   Electronic Components Master Selection Guide
G6S-2 OMRON-G6S-2 Datasheet
153Kb / 9P
   Low Signal Relay
G6S-2 OMRON-G6S-2 Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2 OMRON-G6S-2 Datasheet
765Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com