Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG4M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG4M
Description  Flat Cable Connectors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4M Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG4M Datasheet HTML 1Page - Omron Electronics LLC XG4M Datasheet HTML 2Page - Omron Electronics LLC XG4M Datasheet HTML 3Page - Omron Electronics LLC XG4M Datasheet HTML 4Page - Omron Electronics LLC XG4M Datasheet HTML 5Page - Omron Electronics LLC XG4M Datasheet HTML 6Page - Omron Electronics LLC XG4M Datasheet HTML 7Page - Omron Electronics LLC XG4M Datasheet HTML 8Page - Omron Electronics LLC XG4M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Flat Cable Connectors
XG4
41
Flat Cable Connectors
XG4
Industry Standard Circuit Board
Connectors Conform to MIL Standards
• XG4M-U: Unique locking system, with lock levers on strain
relief / socket instead of on plug, saves 24% of space
• Space-saving Box-type Plugs (XG4C) available.
• Can be used with XG5 IDC Connectors for discrete wires, XG8
Original PCB Plugs, and the XG2 IDC Bus Connectors for PCBs.
• The Original Plugs (XG8) and the Box-type Plugs (XG4C)
can be locked using External XG5Z and XG4Z Lock Levers.
• Conforms to MIL standards (MIL-C-83503).
• UL recognition (file No. E103202)
Ordering Information
Note: 1. XG4M can be provided with or without the strain reliefs;
⇒ XG4M-U consists of XG4M-@@3@ socket +XG4U-@@04 strain relief
⇒ XG4M-T consists of XG4M-@@3@ socket + XG4T-@@04 strain relief
2. XG4H PCB mount socket mates with XG4C and XG8W (see XG8 Datasheet) for board to board connectivity without cables.
3. XG5 connectors (see XG5 Datasheet) use discrete wire instead of flat ribbon cable.
4. XG4A PCB mount sockets are available with Long, Short or no Lock Levers.
5. Optional XG4Z-001
@ side-lock levers, purchased separately, are available for use with right-angle XG4A versions that don’t include them.
6. Optional XG4Z-0002 and XG5Z-0002 top-lock levers are available for mating XG4M(-T) sockets to XG4C and XG8 plugs.
■ Ratings and Characteristics
Cable
PCB
Socket
Plug
Plug
Socket
Connector
XG4M
XG4E
XG4A
XG4A
XG4C
XG4H
Strain relief
XG4U
XG4T
XG4S
- - -
- - -
- - -
- - -
Feature
Strain relief
with lock levers
Strain relief
without lock levers
Lock levers on
connector
Integral
lock levers
2-tier
with lock levers
Box type plug
Board to Board
Socket
Appearance
Item
MIL Sockets: XG4M
Cable Plug: XG4E
MIL Plugs: XG4A
Box-type PCB Plugs: XG4C
Board to Board Sockets: XG4H
Rated current
1 A
3 A (See note 1.)
Rated voltage
250 VAC
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min (leakage current: 1 mA max.)
Connector insertion
1.96 N max. per contact
Note: 1. The rated current will depend on the
Socket you are using. It is 1 A using
the XG4M for example.
2. For standard 0.15-
μm gold plating.
Contact removal
0.39 N min. (with test gauge, t= 0.64 mm)
Insertion durability
50 times (See note 2.)
Ambient temperature
Operating: –55 to 105
°C (with no icing)


Similar Part No. - XG4M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M OMRON-XG4M Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M-1030 OMRON-XG4M-1030 Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M-1030-T OMRON-XG4M-1030-T Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M-1030-U OMRON-XG4M-1030-U Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4M-1031 OMRON-XG4M-1031 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M-5030-T OMRON-XG4M-5030-T Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com