Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG4A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG4A
Description  Flat Cable Connectors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG4A Datasheet HTML 1Page - Omron Electronics LLC XG4A Datasheet HTML 2Page - Omron Electronics LLC XG4A Datasheet HTML 3Page - Omron Electronics LLC XG4A Datasheet HTML 4Page - Omron Electronics LLC XG4A Datasheet HTML 5Page - Omron Electronics LLC XG4A Datasheet HTML 6Page - Omron Electronics LLC XG4A Datasheet HTML 7Page - Omron Electronics LLC XG4A Datasheet HTML 8Page - Omron Electronics LLC XG4A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
44
Flat Cable Connectors
XG4
Cable Mount Connectors
■ XG4M-U Sockets (Uses XG4U Strain Relief with Lock Levers)
Dimensions
Ordering Information
Note: 1. Sets include the connector and strain relief.
2. With open-end cover.
3. Strain Relief sold separately.
4. Polarity guide pitch is 22.86 mm.
XG4U
A
B
3.3
1
6.7
10.1
(16.8)
9.5
5.6
3
9.5
5.6
3
7.4
9.1
(16.5)
3.3
C
20.2
XG4C
XG4M
XG4U
XG4C
XG4M
XG4M
XG4U
XG4C
Open-end cover
Triangular mark
Polarizing Key slot (2)
(not on models with
less than 14 contacts)
Polarity guide
Polarizing Key slot (1)
3
6.6
10.6
D
E
2.54
3.8
6.1
2.54
1
20.2
9.3
XG4U-
@@04
Strain Reliefs with Locks
No. of
contacts
Dimensions (mm)
ABCD
E
10
26.813.226.217.310.16
14
31.818.231.222.315.24
16
34.420.833.824.917.78
20
39.525.938.930.022.86
26
47.133.546.537.630.48
30
52.238.651.642.735.56
34
57.243.656.647.740.64
40
64.951.364.355.448.26
50
77.664.077.068.160.96
60
90.376.789.780.873.66
64
95.381.794.785.878.74
XG4M-
@@30 (one polarity guide)
XG4M-
@@31 (all others)
Mating Diagrams for XG4M-U
XG4U + XG4M + XG4C (with straight terminals)
XG4U + XG4M + XG4C (with right-angle terminals)
(Locked)
(Unlocked)
No. of
contacts
No. of
polarity
guides
Socket+Strain Relief Sets (See notes 1 and 2.) Socket with Open-end Cover (See note 3.) Strain Relief with Locks
10
0
XG4M-1031-U
XG4M-1031
XG4U-1004
1
XG4M-1030-U
XG4M-1030
14
1
XG4M-1430-U
XG4M-1430
XG4U-1404
16
1
XG4M-1630-U
XG4M-1630
XG4U-1604
20
1
XG4M-2030-U
XG4M-2030
XG4U-2004
26
1
XG4M-2630-U
XG4M-2630
XG4U-2604
30
1
XG4M-3030-U
XG4M-3030
XG4U-3004
34
1
XG4M-3430-U
XG4M-3430
XG4U-3404
40
1
XG4M-4030-U
XG4M-4030
XG4U-4004
50
1
XG4M-5030-U
XG4M-5030
XG4U-5004
2 (See note 4.) XG4M-5031-U
XG4M-5031
60
1
XG4M-6030-U
XG4M-6030
XG4U-6004
2 (See note 4.) XG4M-6031-U
XG4M-6031
64
1
XG4M-6430-U
XG4M-6430
XG4U-6404
2 (See note 4.) XG4M-6431-U
XG4M-6431


Similar Part No. - XG4A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A OMRON-XG4A Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4A OMRON-XG4A Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG4A-1031 OMRON-XG4A-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-1031 OMRON-XG4A-1031 Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4A-1032 OMRON-XG4A-1032 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M-5030-T OMRON-XG4M-5030-T Datasheet
1Mb / 20P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com