Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM24-1A69-03 Datasheet(PDF) 2 Page - Meder Electronic

Part # HM24-1A69-03
Description  HM Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HM24-1A69-03 Datasheet(HTML) 2 Page - Meder Electronic

  HM24-1A69-03 Datasheet HTML 1Page - Meder Electronic HM24-1A69-03 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HM24-1A69-03
Item:
| Email: salesasia@meder.com
8424169003
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
3
1/2 sine wave duration 11ms
Shock
3
from 10 - 2000 Hz
Vibration
4
5
Operating temperature
4
5(
Storage temperature
4
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Washability
General data
Conditions
Min
Typ
Max
Unit
3
Total weigth
carton box, 10 pcs./each
Packaging
Modifications in the sense of technical progress are reserved
13.04.04
EBUNKE
WKOVACS
06
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
27.06.11
CRUF
KOLBRICH
Approval by:
Approval by:
26.09.08
Approval at:
27.06.11
Approval at:


Similar Part No. - HM24-1A69-03

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM24-1A69-03_DE MEDER-HM24-1A69-03_DE Datasheet
198Kb / 2P
   (deutsch) HM Reed Relay
More results

Similar Description - HM24-1A69-03

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM05-1A83-03 MEDER-HM05-1A83-03 Datasheet
92Kb / 2P
   HM Reed Relay
HM05-1A83-06-UL MEDER-HM05-1A83-06-UL Datasheet
84Kb / 2P
   HM Reed Relay
HM12-1A69-15-5 MEDER-HM12-1A69-15-5 Datasheet
96Kb / 2P
   HM Reed Relay
HM12-1A83-03 MEDER-HM12-1A83-03 Datasheet
132Kb / 1P
   HM Reed Relay
HM12-1A83-150 MEDER-HM12-1A83-150 Datasheet
144Kb / 2P
   HM Reed Relay
HM12-1A83-300 MEDER-HM12-1A83-300 Datasheet
97Kb / 2P
   HM Reed Relay
HM12-1B83-20-6 MEDER-HM12-1B83-20-6 Datasheet
88Kb / 2P
   HM Reed Relay
HM24-1A83-300 MEDER-HM24-1A83-300 Datasheet
83Kb / 2P
   HM Reed Relay
HM05-1A83-06 MEDER-HM05-1A83-06 Datasheet
91Kb / 2P
   HM Reed Relay
HM05-1A83-08 MEDER-HM05-1A83-08 Datasheet
83Kb / 2P
   HM Reed Relay
HM12-1A69-150-UL MEDER-HM12-1A69-150-UL Datasheet
98Kb / 2P
   HM Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com