Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93L56RF-WE2 Datasheet(PDF) 4 Page - Rohm

Part # BR93L56RF-WE2
Description  High Reliability Series EEPROMs Microwire BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93L56RF-WE2 Datasheet(HTML) 4 Page - Rohm

  BR93L56RF-WE2 Datasheet HTML 1Page - Rohm BR93L56RF-WE2 Datasheet HTML 2Page - Rohm BR93L56RF-WE2 Datasheet HTML 3Page - Rohm BR93L56RF-WE2 Datasheet HTML 4Page - Rohm BR93L56RF-WE2 Datasheet HTML 5Page - Rohm BR93L56RF-WE2 Datasheet HTML 6Page - Rohm BR93L56RF-WE2 Datasheet HTML 7Page - Rohm BR93L56RF-WE2 Datasheet HTML 8Page - Rohm BR93L56RF-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
4/40
www.rohm.com
2011.02 - Rev.F
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
(Unless otherwise specified, VCC=2.5~5.5V, Ta=-40~+85℃, BR93L□□-W, Ta=-40~+105℃, BR93A□□-WM)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
“L” input voltage 1
VIL1
-0.3
-
+0.8
V
4.0V≦VCC≦5.5V
“L” input voltage 2
VIL2
-0.3
-
0.2 x VCC
V
VCC≦4.0V
“H” input voltage 1
VIH1
2.0
-
VCC+0.3
V
4.0V≦VCC≦5.5V
“H” input voltage 2
VIH2
0.7 x VCC
-
VCC+0.3
V
VCC≦4.0V
“L” output voltage 1
VOL1
0
-
0.4
V
IOL=2.1mA, 4.0V≦VCC≦5.5V
“L” output voltage 2
VOL2
0
-
0.2
V
IOL=100μA
“H” output voltage 1
VOH1
2.4
-
VCC
V
IOH=-0.4mA, 4.0V≦VCC≦5.5V
“H” output voltage 2
VOH2
VCC-0.2
-
VCC
V
IOH=-100μA
Input leak current
ILI
-1
-
+1
µA
VIN=0V~VCC
Output leak current
ILO
-1
-
+1
µA
VOUT=0V~VCC, CS=0V
Current consumption
at action
ICC1
-
-
3.0
mA
fSK=2MHz, tE/W=5ms (WRITE)
ICC2
-
-
1.5
mA
fSK=2MHz (READ)
ICC3
-
-
4.5
mA
fSK=2MHz, tE/W=5ms (WRAL, ERAL)
Standby current
ISB
-
-
2
µA
CS=0V, DO=OPEN
Radiation resistance design is not made.
(Unless otherwise specified, VCC=1.8~2.5V, Ta=-40~+85℃, BR93L□□-W)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
“L” input voltage
VIL
-0.3
-
0.2 x VCC
V
“H” input voltage
VIH
0.7 x VCC
-
VCC+0.3
V
“L” output voltage
VOL
0
-
0.2
V
IOL=100μA
“H” output voltage
VOH
VCC-0.2
-
VCC
V
IOH=-100μA
Input leak current
ILI
-1
-
+1
μA
VIN=0V~VCC
Output leak current
ILO
-1
-
+1
μA
VOUT=0V~VCC, CS=0V
Current consumption
at action
ICC1
-
-
1.5
mA
fSK=500kHz, tE/W=5ms (WRITE)
ICC2
-
-
0.5
mA
fSK=500kHz (READ)
ICC3
-
-
2
mA
fSK=500kHz, tE/W=5ms (WRAL, ERAL)
Standby current
ISB
-
-
2
μA
CS=0V, DO=OPEN
Radiation resistance design is not made.


Similar Part No. - BR93L56RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L56RF-WE2 ROHM-BR93L56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR93L56RF-WE2 ROHM-BR93L56RF-WE2 Datasheet
1Mb / 39P
   Microwire BUS EEPROM
More results

Similar Description - BR93L56RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com