Electronic Components Datasheet Search |
|
XS2F-M12PUR3A2M Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
XS2F-M12PUR3A2M Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 18 page 146 Round Water-resistant Connectors (M12) XS2 ■ XS2G - Plugs, Crimping / Soldering Terminals Dimensions (Unit: mm) Ordering Information Note: Crimping plug contacts are sold separately. ■ XS2U (Crimping Pin for XS2G) Dimensions (Unit: mm) Ordering Information Note: Orders are accepted in multiples of the minimum order. 14.9 dia. 47.1 14.2 dia. 5 dia. 45 ° M12 XS2G- @4C@ (Crimping Model) XS2G- @42@ (Soldering Model) Straight XS2G-D42 @ (Soldering Model) Angled 35.7 M12 × 1 14.9 dia. 45 ° 23 5 dia. Suitable cable dia. (mm) Cable connection direction Connection method Model Minimum order 6-mm-dia. model (5 to 6 mm dia.) Straight Crimping XS2G-D4C1 50 Soldering XS2G-D421 Angled Soldering XS2G-D422 4-mm-dia. model (4 to 5 mm dia.) Straight Crimping XS2G-D4C3 Soldering XS2G-D423 Angled Soldering XS2G-D424 3-mm-dia. model (3 to 4 mm dia.) Straight Crimping XS2G-D4C5 Soldering XS2G-D425 Angled Soldering XS2G-D426 XS2U-312 @ (Plug Pin) 2.3 dia. 2 dia. C dia. 1.5 1 dia. B Slit A Dimensions Model Suitable core size (mm2) Dimension (mm) No. of slits ABC XS2U-3121 0.18 to 0.3 20.0 6.1 0.8 1 XS2U-3122 0.5 to 0.75 20.1 6.2 1.3 0 Note: A special tool must be used for crimping. For details, refer to the “XS5/XS2 - Assembly Tooling and Accessories” datasheet. Suitable core size (mm2) Model Minimum order 0.18 to 0.3 XS2U-3121 100 0.5 to 0.75 XS2U-3122 |
Similar Part No. - XS2F-M12PUR3A2M |
|
Similar Description - XS2F-M12PUR3A2M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |