Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6036 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N6036
Description  PNP Darlington Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6036 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N6036 Datasheet HTML 1Page - Micro Commercial Components 2N6036 Datasheet HTML 2Page - Micro Commercial Components 2N6036 Datasheet HTML 3Page - Micro Commercial Components 2N6036 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Min
Max
Units
DYNAMICCHARACTERISTICS
hFE
DC Current Gain
(VCE=3.0Vdc, IC=0.5Adc)
(VCE=3.0Vdc, IC=2.0Adc)
(VCE=3.0Vdc, IC=4.0Adc)
500
750
100
---
15000
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=2.0Adc, IB=8.0mA dc)
(IC=4.0Adc, IB=40mAdc)
---
2.0
3.0
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=4.0Adc, IB=40mAdc)
---
4.0
Vdc
VBE(on)
Base-Emitter On Voltage
(IC=2.0Adc, VCE=3.0Vdc)
---
2.8
Vdc
DYNAMICCHARACTERISTICS
|hfe|
Small-Signal Current-Gain
(IC=0.75Adc, VCE=10Vdc, f=1.0MHz )
25
---
---
Cob
Output Capacitance
(VCB=10Vdc, IE=0, f=0.1MHz)
---
200
pF
MCC
2N6036
40
0
0
20
40
60
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (°C)
20
10
30
140
TC
4.0
0
2.0
1.0
3.0
TA
TA
TC
200
0.04
VR, REVERSE VOLTAGE (VOLTS)
10
0.4 0.6 1.0
2.0
40
4.0
0.06 0.1
0.2
100
50
30
TC = 25°C
Cib
70
Cob
Figure 2. Capacitance
20
6.0 10
20
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 2N6036

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
174Kb / 4P
   MIDIUM POWER DAR;OMGTONS
January 1989
logo
Savantic, Inc.
2N6036 SAVANTIC-2N6036 Datasheet
106Kb / 3P
   Silicon PNP Power Transistors
logo
STMicroelectronics
2N6036 STMICROELECTRONICS-2N6036 Datasheet
87Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
June 1997
logo
Continental Device Indi...
2N6036 CDIL-2N6036 Datasheet
131Kb / 4P
   SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
2N6036 ONSEMI-2N6036 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
More results

Similar Description - 2N6036

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N6036 MCC-2N6036_13 Datasheet
731Kb / 4P
   PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX68 NJSEMI-BDX68 Datasheet
75Kb / 2P
   PNP DARLINGTON POWER TRANSISTOR
logo
Seme LAB
BDX68A SEME-LAB-BDX68A Datasheet
17Kb / 2P
   PNP DARLINGTON POWER TRANSISTOR
logo
Solid States Devices, I...
SFT6036 SSDI-SFT6036 Datasheet
181Kb / 4P
   PNP Darlington Power Transistor
logo
STMicroelectronics
FW26025A1 STMICROELECTRONICS-FW26025A1 Datasheet
35Kb / 4P
   PNP POWER DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CP547 CENTRAL-CP547 Datasheet
206Kb / 2P
   Power Transistor PNP - Darlington Chip
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com