Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6519 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 2N6519
Description  High Voltage Transistor 625mW
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6519 Datasheet(HTML) 4 Page - Micro Commercial Components

  2N6519 Datasheet HTML 1Page - Micro Commercial Components 2N6519 Datasheet HTML 2Page - Micro Commercial Components 2N6519 Datasheet HTML 3Page - Micro Commercial Components 2N6519 Datasheet HTML 4Page - Micro Commercial Components 2N6519 Datasheet HTML 5Page - Micro Commercial Components 2N6519 Datasheet HTML 6Page - Micro Commercial Components 2N6519 Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70
200
100
20
30
50
70
VCE = 10 V
TJ = 125°C
25°C
-55°C
2N6515
IC, COLLECTOR CURRENT (mA)
-100
-1.0
-2.0 -3.0 -5.0 -7.0 -10
-20 -30 -50 -70
200
100
20
30
50
70
VCE = -10 V
TJ = 125°C
25°C
-55°C
2N6519
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20
30
50 70
200
100
10
20
50
70
VCE = 10 V
TJ = 125°C
25°C
-55°C
2N6517
IC, COLLECTOR CURRENT (mA)
-100
-1.0
-2.0 -3.0 -5.0 -7.0 -10
-20 -30
-50 -70
VCE = -10 V
TJ = 125°C
25°C
-55°C
2N6520
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0 3.0
5.0 7.0 10
20 30
50 70
100
20
30
50
70
2N6515, 2N6517
IC, COLLECTOR CURRENT (mA)
-100
-1.0
-2.0 -3.0 -5.0 -7.0 -10
-20 -30
-50 -70
2N6519, 2N6520
10
100
20
30
50
70
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
TJ = 25°C
VCE = -20 V
f = 20 MHz
30
200
100
10
20
50
70
30
NPN 2N6515 2N6517
PNP 2N6519 2N6520
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 7


Similar Part No. - 2N6519

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6519 ONSEMI-2N6519 Datasheet
229Kb / 8P
   High Voltage Transistors
October, 2001 ??Rev. 3
logo
Samsung semiconductor
2N6519 SAMSUNG-2N6519 Datasheet
37Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6519 FAIRCHILD-2N6519 Datasheet
26Kb / 3P
   PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6519 MCC-2N6519 Datasheet
427Kb / 6P
   High Voltage Transistor 625mW
logo
Continental Device Indi...
2N6519 CDIL-2N6519 Datasheet
220Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N6519

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N6515 MCC-2N6515_13 Datasheet
341Kb / 7P
   High Voltage Transistor 625mW
2N6515 MCC-2N6515 Datasheet
427Kb / 6P
   High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_11 Datasheet
244Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
   NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_16 Datasheet
229Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
   PNP Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94 Datasheet
627Kb / 2P
   PNP Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_11 Datasheet
261Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
MPSA42 MCC-MPSA42 Datasheet
656Kb / 3P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com