Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2373FV Datasheet(PDF) 7 Page - Rohm

Part # BU2373FV
Description  High Performance VCOs for Image Sampling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2373FV Datasheet(HTML) 7 Page - Rohm

Back Button BU2373FV Datasheet HTML 3Page - Rohm BU2373FV Datasheet HTML 4Page - Rohm BU2373FV Datasheet HTML 5Page - Rohm BU2373FV Datasheet HTML 6Page - Rohm BU2373FV Datasheet HTML 7Page - Rohm BU2373FV Datasheet HTML 8Page - Rohm BU2373FV Datasheet HTML 9Page - Rohm BU2373FV Datasheet HTML 10Page - Rohm BU2373FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Technical Note
7/18
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BU2373FV,BU2374FV
0
5
10
15
20
25
30
35
40
45
50
35
40
45
50
55
60
Frequency: f[MHz]
0
5
10
15
20
25
2.0
2.2
2.4
2.6
2.8
3.0
Resistor:Rbias[KO]
0
20
40
60
80
100
2.0
2.2
2.4
2.6
2.8
3.0
Resistor:Rbias[KO]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
Reference data
(BU2374FV-Power Voltage Fluctuation Data)
Reference data
(BU2374FV-Temperature Fluctuation Data)
Reference data
(BU2374FV-Recommended Oscillation Range, Frequency - Frequency Sensitivity)
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Control Voltage:VI[V]
Fig.31 Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=2.0KΩ)
Fig.36 Output Frequency
- Frequency Sensitivity
(VDD=3.3V, Select=”L”)
Fig.35 Bias Resistance
– Recommended Oscillation Range
(VDD=3.3V, Select=”H”)
Fig.34 Bias Resistance
– Recommended Oscillation Range
(VDD=3.3V, Select=”L”)
Fig.33 Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=3.0KΩ)
Fig.32 Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=2.4KΩ)
Fig.30Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=3.0KΩ,Ta=25℃)
Fig.29 Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=2.4 KΩ,Ta=25℃)
Fig.28 Control Voltage
 Output Frequency
(VDD=3.3V,Rbias=2.0KΩ,Ta=25℃)
Recommended Oscillation Range”L”
Recommended Oscillation Range”H”
Recommended Oscillation Range”L”
Recommended Oscillation Range”H”
From top:VDD=3.45V
VDD=3.30V
VDD=3.15V
From top:VDD=3.45V
VDD=3.30V
VDD=3.15V
From top:VDD=3.45V
VDD=3.30V
VDD=3.15V
From top:T=75℃
T=25℃
T=-20℃
From top:T=75℃
T=25℃
T=-20℃
From top:T=75℃
T=25℃
T=-20℃


Similar Part No. - BU2373FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
More results

Similar Description - BU2373FV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCP2200 NXP-SCP2200 Datasheet
640Kb / 2P
   Image cognition processors for low-power, high-performance automotive image processing
2012
logo
List of Unclassifed Man...
ELIS-1024 ETC2-ELIS-1024 Datasheet
278Kb / 11P
   High Performance Linear Image Sensors
logo
Analog Devices
CN-0109 AD-CN-0109 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
logo
OmniVision Technologies...
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
   High-Performance 16-Megapixel Image Sensor
logo
Texas Instruments
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance, 24-Bit,216kHz Sampling
logo
NXP Semiconductors
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
Analog Devices
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
OmniVision Technologies...
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
OV16E10 OMNIVISION-OV16E10 Datasheet
739Kb / 2P
   16MP Image Sensor Brings Top Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com