Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP24-1A83 Datasheet(PDF) 2 Page - Meder Electronic

Part # HP24-1A83
Description  HP Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HP24-1A83 Datasheet(HTML) 2 Page - Meder Electronic

  HP24-1A83 Datasheet HTML 1Page - Meder Electronic HP24-1A83 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HP24-1A83
Item:
Preliminary Datasheet
| Email: salesasia@meder.com
2024100010
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
2
1/2 sine wave duration 11ms
Shock
2
from 10 - 2000 Hz
Vibration
3
'
4
Operating temperature
3
4
Storage temperature
3
5
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Washability
General data
Conditions
Min
Typ
Max
Unit
2
Total weigth
Styrofoam tray, ESD neutral 50 pcs./each
Packaging
Modifications in the sense of technical progress are reserved
23.06.09
WKOVACS
WKOVACS
06
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
22.12.10
KOLBRICH
Approval by:
Approval by:
29.06.09
Approval at:
Approval at:


Similar Part No. - HP24-1A83

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HP24-1A83_DE MEDER-HP24-1A83_DE Datasheet
146Kb / 2P
   (deutsch) HP Reed Relay
More results

Similar Description - HP24-1A83

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HP24-1A83_DE MEDER-HP24-1A83_DE Datasheet
146Kb / 2P
   (deutsch) HP Reed Relay
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
   REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
   REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
   REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
   REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
   REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
   REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Meder Electronic
3205172111 MEDER-3205172111 Datasheet
116Kb / 3P
   Reed Relay
3205200021 MEDER-3205200021 Datasheet
115Kb / 3P
   Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com