Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6653NUX Datasheet(PDF) 10 Page - Rohm

Part # BU6653NUX
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6653NUX Datasheet(HTML) 10 Page - Rohm

Back Button BU6653NUX Datasheet HTML 6Page - Rohm BU6653NUX Datasheet HTML 7Page - Rohm BU6653NUX Datasheet HTML 8Page - Rohm BU6653NUX Datasheet HTML 9Page - Rohm BU6653NUX Datasheet HTML 10Page - Rohm BU6653NUX Datasheet HTML 11Page - Rohm BU6653NUX Datasheet HTML 12Page - Rohm BU6653NUX Datasheet HTML 13Page - Rohm BU6653NUX Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Technical Note
10/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Fig. 40 Output Voltage
Fig. 41 Line Regulation
Fig. 48 VOUT vs Temp
Fig. 49 Ripple Rejection VS Freq.
Fig. 50 Ripple Rejection VS VIN
Fig. 51 Output Noise Spectral
Density VS Freq.
Reference data Vo=2.8V (Ta=25ºC unless otherwise specified.)
Fig. 42 Circuit Current IGND
Fig. 44 STBY Input Current
Fig. 45 IOUT - IGND
Fig. 46 Load Regulation
Fig. 47 OCP Threshold
Fig. 43 Dropout Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.511.5
2
2.533.544.555.5
Vin Voltage (V)
Temp.=25°C
IO=0uA
IO=100uA
IO=50mA
IO=200mA
VIN = STBY
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
2.7
2.8
2.9
3
3.1
3.2
Vin Voltage (V)
Temp.=25°C
IO=0uA
IO=100uA
IO=50mA
IO=200mA
VIN = STBY
0
20
40
60
80
100
00.5 11.5 22.5 33.5 44.5 55.5
Vin Voltage (V)
Temp.=-40°C
Temp.=25°C
Temp.=85°C
IO=0uA
VIN = STBY
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=0.98 x VOUT
STBY = 1.5V
Temp.=-40°C
Temp.=25°C
Temp.=85°C
0
2
4
6
8
10
00.5
1
1.5
22.5
33.5
4
4.5
55.5
STBY Voltage (V)
Temp.=85°C
Temp.=25°C
Temp.=-40°C
VIN = STBY
40
50
60
70
80
90
100
110
120
0
0.05
0.1
0.15
0.2
Output Currnt (A)
VIN = 3.8V
STBY = 1.5V
Temp.=85°C
Temp.=25°C
Temp.=-40°C
2.75
2.76
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
-40
-15
10
35
60
85
Temp. (°C)
VIN=3.8V
STBY=1.5V
Io=0.1mA
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000
Frequency (kHz)
Vin= 3.8V
Io=10mA
Ta = 25℃
0
10
20
30
40
50
60
70
80
2.8
3.8
4.8
Input Voltage VIN[V]
f=100kHz
f= 1 0 kHz
f=1kHz
f=0.1kHz
Co=1.0μF
Cin=none
Iout=10mA
temp=25℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1
10
100
Frequency f [kHz]
Co=1.0μF
Cin=1.0μF
Iout=10mA
temp=25℃


Similar Part No. - BU6653NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6653NUX ROHM-BU6653NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Similar Description - BU6653NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com