Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6655NUX Datasheet(PDF) 6 Page - Rohm

Part # BU6655NUX
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6655NUX Datasheet(HTML) 6 Page - Rohm

Back Button BU6655NUX Datasheet HTML 2Page - Rohm BU6655NUX Datasheet HTML 3Page - Rohm BU6655NUX Datasheet HTML 4Page - Rohm BU6655NUX Datasheet HTML 5Page - Rohm BU6655NUX Datasheet HTML 6Page - Rohm BU6655NUX Datasheet HTML 7Page - Rohm BU6655NUX Datasheet HTML 8Page - Rohm BU6655NUX Datasheet HTML 9Page - Rohm BU6655NUX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Technical Note
6/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Fig. 11 Output Voltage
Fig. 12 Line Regulation
Reference data total device (Ta=25ºC unless otherwise specified.)
Reference data Vo=3.3V (Ta=25ºC unless otherwise specified.)
Fig. 9 Istby vs Temp (STBY)
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
-40
-15
10
35
60
85
Temp. (°C)
VIN=3.8V
STBY=0V
Fig. 6 Iin1 vs. Temp
Fig. 7 Iin2 vs. Temp
Fig. 8 Iin3 vs. Temp
Fig. 10 STBY Threshold
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
00.5
11.5
STBY Voltage (V)
VIN=3.8V
Temp.=85°C
Temp.=25°C
Temp.=-40°C
0.00
10.00
20.00
30.00
40.00
50.00
-40
-15
10
35
60
85
Temp (°C)
0.00
20.00
40.00
60.00
80.00
100.00
-40
-15
10
35
60
85
Temp (°C)
0.00
30.00
60.00
90.00
120.00
150.00
-40
-15
10
35
60
85
Temp (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.511.5
2
2.533.544.555.5
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp.=25°C
VIN = STBY
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.2
3.3
3.4
3.5
3.6
3.7
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp=25°C
VIN = STBY
0
20
40
60
80
100
00.5
1
1.522.533.5
4
4.555.5
Vin Voltage (V)
Temp.=-40°C
Temp.=25°C
Temp.=85°C
IO=0uA
VIN = STBY
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=0.98 x VOUT
STBY = 1.5V
Temp.=-40°C
Temp.=25°C
Temp.=85°C
0
2
4
6
8
10
0
0.5
1
1.522.533.5
4
4.555.5
VSTBY Voltage (V)
VIN = STBY
Temp.=85°C
Temp.=25°C
Temp.=-40°C
40
50
60
70
80
90
100
110
120
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN = 4.3V
STBY = 1.5V
Temp.=85°C
Temp.=25°C
Temp.=-40°C
Fig. 13 Circuit Current IGND
Fig. 15 STBY Input Current
Fig. 16 IOUT - IGND
Fig. 14 Dropout Voltage


Similar Part No. - BU6655NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6650NUX ROHM-BU6650NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6651NUX ROHM-BU6651NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6652NUX ROHM-BU6652NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6653NUX ROHM-BU6653NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Similar Description - BU6655NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com