Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7831KN Datasheet(PDF) 11 Page - Rohm

Part # BU7831KN
Description  Voice/Audio Mixer & Selector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7831KN Datasheet(HTML) 11 Page - Rohm

Back Button BU7831KN Datasheet HTML 7Page - Rohm BU7831KN Datasheet HTML 8Page - Rohm BU7831KN Datasheet HTML 9Page - Rohm BU7831KN Datasheet HTML 10Page - Rohm BU7831KN Datasheet HTML 11Page - Rohm BU7831KN Datasheet HTML 12Page - Rohm BU7831KN Datasheet HTML 13Page - Rohm BU7831KN Datasheet HTML 14Page - Rohm BU7831KN Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7831KN
Recommended operation sequence
VDD ON
NRST=L start. Rise up VDD first.
After the mode setting, input the audio signal.
Fig. 30
VDD OFF
HPRST=0(82h=00h) is taken at the time of use of HPAMP first.
VDD OFF, after the mute on setting(88h=FFh), NRST=L at using HPAMP.
VDD OFF, after NRST=L at not using HPAMP.
Fig. 31
HPAMP ON
Mute OFF (HPRST 82h bit0), after the mode setting.
Fig. 32
HPAMP OUTPUT rise time setting up expression
Thpout = 80.6 × 10
3 × CSTART [s] (typ)
HSMUTE delay time setting up expression
Thsmute = 200 × 10
3 × CSTEP [s] (typ)
CPU I/F
Audio Signal
Analog Signal
Mode Set
NRST
VDD
VDD
ATT6L,R(88h)
NRST
Headphone output
00h
01h
FFh
XXh
HPRST(82h)
HPRST (82h bit0)
Headphone output(DC)
CPU I/F
Mode Set
Thpout
Thsmute


Similar Part No. - BU7831KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
BU7831KN-E2 ROHM-BU7831KN-E2 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
More results

Similar Description - BU7831KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
   Recording voice IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
logo
SHENZHEN FUMAN ELECTRON...
SC7072B FUMAN-SC7072B Datasheet
147Kb / 4P
   Voice-changing IC
logo
Aplus Intergrated Circu...
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com