Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7831KN-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU7831KN-E2
Description  Voice/Audio Mixer & Selector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7831KN-E2 Datasheet(HTML) 1 Page - Rohm

  BU7831KN-E2 Datasheet HTML 1Page - Rohm BU7831KN-E2 Datasheet HTML 2Page - Rohm BU7831KN-E2 Datasheet HTML 3Page - Rohm BU7831KN-E2 Datasheet HTML 4Page - Rohm BU7831KN-E2 Datasheet HTML 5Page - Rohm BU7831KN-E2 Datasheet HTML 6Page - Rohm BU7831KN-E2 Datasheet HTML 7Page - Rohm BU7831KN-E2 Datasheet HTML 8Page - Rohm BU7831KN-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Audio Accessory ICs for Mobile Devices
Voice/Audio
Mixer & Selector IC
BU7831KN
Description
BU7831KN is the sound path selector which include 3 stereo inputs, Stereo headphone amp, 600Ω driver amp, and
2stereooutputs. Each output have a mixer and an attenuator, you can set the variable audio path setting. The variable audio
source can connect to Headphone and speaker through this LSI.
Feature
1) It has 3stereo inputs.
2) It has analog mixer on each input.
3) It matches for the application used the Headphone because it has 16Ω audio driver.
4) 16Ω driver has the pop-noise less function.
5) The attenuator of 16Ω driver has soft changing and muting function.
6) It has 600Ω driver for external output.
7) It included stereo output for stereo speaker.
8) VQFN20 small package
Applications
It is for portable equipments with audio player.
Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VDD
-0.3~4.5
V
Power dissipation
Pd
530
*1
mW
Operating temperature range
Topr
-30~+85
Storage temperature range
Tstg
-55~+125
*1 Reduce by 5.3 mW/ ℃ over 25 ℃
Recommended operating range
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
Supply voltage
VDD
2.5
3.0
3.3
V
No.10087EAT02


Similar Part No. - BU7831KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7831KN-E2 ROHM-BU7831KN-E2 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
More results

Similar Description - BU7831KN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7831KN ROHM-BU7831KN_06 Datasheet
1Mb / 17P
   Voice/Audio Mixer & Selector
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
   Recording voice IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
logo
SHENZHEN FUMAN ELECTRON...
SC7072B FUMAN-SC7072B Datasheet
147Kb / 4P
   Voice-changing IC
logo
Aplus Intergrated Circu...
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com