Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7858KN Datasheet(PDF) 5 Page - Rohm

Part # BU7858KN
Description  Mixer & Selector ICs with 16bit D/A Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7858KN Datasheet(HTML) 5 Page - Rohm

  BU7858KN Datasheet HTML 1Page - Rohm BU7858KN Datasheet HTML 2Page - Rohm BU7858KN Datasheet HTML 3Page - Rohm BU7858KN Datasheet HTML 4Page - Rohm BU7858KN Datasheet HTML 5Page - Rohm BU7858KN Datasheet HTML 6Page - Rohm BU7858KN Datasheet HTML 7Page - Rohm BU7858KN Datasheet HTML 8Page - Rohm BU7858KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Technical Note
5/24
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7858KN,BU7893GU
Audio Path (SP PREamp)
Unless otherwise specified,Ta=25℃,AVDD=2.8V, Reference input level =-6dBV, f=1kHz,
A-weighted, path gain =0dB, RL=33kΩ
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
THD+N
THDSP
-
-70
-60
dB
20kHz LPF
Output Noise Voltage
VNOSP
-
-90
-80
dBV
At no a signal
Mute Level
MLSP
-
-90
-80
dB
1kHz BPF
Audio Path (HP amp)
Unless otherwise specified, Ta=25℃, AVDD=2.8V, reference input level =-6dBV, f=1kHz,
A-weighted, path gain =0dB, RL=16Ω
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
THD+N
THDHP
-
-65
-55
dB
20kHz LPF
Output Noise Voltage
VNOHP
-
-90
-80
dBV
At no signal
The Maximum Output Power
POHP
10
-
-
mW
THD=10%,16Ω load
Channel Separation
CSHP
-
-80
-70
dB
Vo=-14dBV,1kHz BPF
Mute Level
MLHP
-
-90
-80
dB
1kHz BPF
HPL_V Volume Setting 1
GA1HPL
-48
-
0
dB
2dB step
HPL_V Volume Setting 2
GA2HPL
-42
-
+6
dB
2dB step
HPR_V Volume Setting 1
GA1HPR
-48
-
0
dB
2dB step
HPR_V Volume Setting 2
GA2HPR
-42
-
+6
dB
2dB step
3D Surround, Equalizer, and Audio DAC
Unless otherwise specified, Ta=25℃, AVDD=2.8V, BCLK=64fs, LRCLK=256fs, f=1kHz, path gain=0dB,
SPOL/SPOR output, SPOL/SPOR= no load, output=0dBFS
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Full-scale Amplitude
VMAX
1.40
1.68
2.00
VP-P
0.6×AVDD
S/N1 (A-Weighted)
DACsn1
70
75
-
dB
THD+N1 (20kHz LPF)
DACthd1
-
-70
-60
dB
fs=8,11.025kHz
THD+N2 (20kHz LPF)
DACthd2
-
-75
-65
dB
fs=16,22.05,32,44.1,48kHz
Audio I/F Format
Unless otherwise specified, Ta=25℃, DVDD_IO=1.62~3.3V, DVDD_CORE=1.62~1.98V
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
BCLK Output Frequency
FBCKO
0.512
-
3.072
MHz
64fs
LRCLK Output Frequency
FLRCKO
8
-
48
kHz
SDI Set-up Time
tSDSU
100
-
-
nsec
SDI Hold Time
tSDH
100
-
-
nsec
PLL
Unless otherwise specified, Ta=25℃, AVDD=2.8V, BCLK = no load
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
PLL Lock-up Time
Tlock1
-
-
10
msec
PLL Jitter
Tjitter1
-
200
-
psec
BCLK terminal,fVCO=65.536MHz


Similar Part No. - BU7858KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
BU7858KN ROHM-BU7858KN Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
BU7858KN-E2 ROHM-BU7858KN-E2 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
More results

Similar Description - BU7858KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_10 Datasheet
318Kb / 14P
   Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
   SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com