Electronic Components Datasheet Search |
|
SPA11N60CFD_1012 Datasheet(PDF) 1 Page - Infineon Technologies AG |
|
SPA11N60CFD_1012 Datasheet(HTML) 1 Page - Infineon Technologies AG |
1 / 12 page SPA11N60CFD CoolMOS TM Power Transistor Features • New revolutionary high voltage technology • Intrinsic fast-recovery body diode • Extremely low reverse recovery charge • Ultra low gate charge • Extreme dv /dt rated • High peak current capability • Periodic avalanche rated • Qualified for industrial grade applications according to JEDEC 0) Maximum ratings, at T j=25 °C, unless otherwise specified Parameter Symbol Conditions Unit Continuous drain current 1) I D T C=25 °C A T C=100 °C Pulsed drain current 2) I D,pulse T C=25 °C Avalanche energy, single pulse E AS I D=5.5 A, V DD=50 V 340 mJ Avalanche energy, repetitive 2),3) E AR I D=11 A, V DD=50 V Avalanche current, repetitive 2),3) I AR A Drain source voltage slope dv /dt I D=11 A, V DS=480 V, T j=125 °C V/ns Reverse diode dv /dt dv /dt V/ns Maximum diode commutation speed di /dt A/µs Gate source voltage V GS static V AC (f >1 Hz) Power dissipation P tot T C=25 °C W Operating and storage temperature T j, T stg °C 600 11 80 I S=11 A, V DS=480 V, T j=125 °C ±20 ±30 33 -55 ... 150 0.6 40 Value 11 7 28 V DS 600 V R DS(on),max 0.44 " I D 1) 11 A Product Summary Type Package Ordering Code Marking SPA11N60CFD TO-220-3-31 SP000216317 11N60CFD PG-TO220-3-31 Rev. 1.4 page 1 2010-12-21 |
Similar Part No. - SPA11N60CFD_1012 |
|
Similar Description - SPA11N60CFD_1012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |