Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N60CFD Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPA11N60CFD
Description  CoolMOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60CFD Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPA11N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 10Page - Infineon Technologies AG SPA11N60CFD Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPA11N60CFD
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=11 A pulsed
I F=f(V SD)
parameter: V DD
parameter: T j
11 Avalanche SOA
12 Avalanche energy
I AR=f(t AR)
E AS=f(T j); I D=5.5 A; V DD=50 V
parameter: T j(start)
0
50
100
150
200
250
300
350
20
60
100
140
180
T j [°C]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
125 °C
25 °C
10
4
10
3
10
2
10
1
10
0
10
-1
10
-2
10
-3
0
1
2
3
4
5
6
7
8
9
10
11
t AR [µs]
120 V
480 V
0
2
4
6
8
10
12
0
10
20
30
40
50
Q gate [nC]
Rev. 1.4
page 7
2010-12-21


Similar Part No. - SPA11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
logo
Inchange Semiconductor ...
SPA11N60CFD ISC-SPA11N60CFD Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
More results

Similar Description - SPA11N60CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com