Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7861KN Datasheet(PDF) 9 Page - Rohm

Part # BU7861KN
Description  Mixer & Selector IC with PCM CODEC and 16bit D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7861KN Datasheet(HTML) 9 Page - Rohm

Back Button BU7861KN_10 Datasheet HTML 5Page - Rohm BU7861KN_10 Datasheet HTML 6Page - Rohm BU7861KN_10 Datasheet HTML 7Page - Rohm BU7861KN_10 Datasheet HTML 8Page - Rohm BU7861KN_10 Datasheet HTML 9Page - Rohm BU7861KN_10 Datasheet HTML 10Page - Rohm BU7861KN_10 Datasheet HTML 11Page - Rohm BU7861KN_10 Datasheet HTML 12Page - Rohm BU7861KN_10 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Technical Note
9/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7861KN
Recommended circuits
Fig.17 Recommended Circuit
PLLLPF
FSYNC
DSPCLK
DSPIN
DSPOUT
EXTIN
EXTOUT
RECN
RECP
HP_L
HP_R
SPOUT
HP_LI
HP_RI
Sound
Source
IC
0.01µ
CPU
32Ω
SP amp
100µ
16Ω
100µ
+
CPU I/F
VREF/COMMON
TX_VOL
DSP
I/F
RX_TEST1
TX_TEST1
A/D
TX_TEST2
Tx_testline
Rx_testline
MIC_SEL
EXTOUT
REC_MT
RX_VOL
RX_TEST2
VIC_MT
ST_MT
ST_VOL
D/A
LPF
SPRX_VOL
SPVIC_MT
MEL_MT
AIN_L
AIN_R
MICO
MICIN_1
VDD/VSS
16step
MEL_VOL
SPMEL_MT
SPMEL_VOL
SDI
LRCLK
BCLK
8step
32step
32step
16step
32step
32step
+6~-8dB
0~-30dB
-18~-42dB
+6~-54dB
+6~-8dB
0~-30dB
0~-45dB
SYSCLK
+
-
CSTEP
HP_VOL
TEST
PLL
HPL_MT
HSJL_MT
+
-
AIN_VOL
MIC BIAS
MICB_1
MICB_2
MICIN_2
MICIN_C
AIN_MT
DIG_MT
SOUND_MT
DTMF/
TONE
TONE_MT
SMUTE
CPU
MIC_MT
EXTIN_MT
HPR_MT
HSJR_MT
POP
16Ω
16step
0~-28dB
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
BPF
+
+
+
+
+
HP2_VOL
8step
HP2_VOL
8step
DSP
REC_TST
HPR_TST
HPL_TST
MIC_BIAS
Gain=3.2dB
Gain=3.2dB
+14~0dB
+14~0dB


Similar Part No. - BU7861KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7861KN-E2 ROHM-BU7861KN-E2 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
More results

Similar Description - BU7861KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7861KN ROHM-BU7861KN_08 Datasheet
817Kb / 13P
   Mixer & Selector with PCM CODEC and 16bit D/A Converter
BU7858KN ROHM-BU7858KN_10 Datasheet
464Kb / 25P
   Mixer & Selector ICs with 16bit D/A Converter
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
logo
Nippon Precision Circui...
SM5866AS NPC-SM5866AS Datasheet
586Kb / 23P
   D/A Converter for DSD and PCM
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com