Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9795AKV Datasheet(PDF) 4 Page - Rohm

Part # BU9795AKV
Description  Standard Segment Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9795AKV Datasheet(HTML) 4 Page - Rohm

  BU9795AKV_11 Datasheet HTML 1Page - Rohm BU9795AKV_11 Datasheet HTML 2Page - Rohm BU9795AKV_11 Datasheet HTML 3Page - Rohm BU9795AKV_11 Datasheet HTML 4Page - Rohm BU9795AKV_11 Datasheet HTML 5Page - Rohm BU9795AKV_11 Datasheet HTML 6Page - Rohm BU9795AKV_11 Datasheet HTML 7Page - Rohm BU9795AKV_11 Datasheet HTML 8Page - Rohm BU9795AKV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Note
4/14
BU9795AKV,BU9795AFV,BU9795AGUW,BU9794AKV,BU97950FUV
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
<BU9794AKV>
DC Characteristics (VDD=2.5~5.5V, VLCD=2.5~5.5V, VSS=0V, Ta=-40~85℃, unless otherwise specified)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
“H” level input voltage
VIH
0.8VDD
-
VDD
V
SD,SCL,CSB
“L” level input voltage
VIL
VSS
-
0.2VDD
V
SD,SCL,CSB
“H” level input current
IIH
-
-
1
µA
SD,SCL,CSB
“L” level input current
IIL
-1
-
-
µA
SD,SCL,CSB
LCD Driver
on resistance
SEG
RON
-
3.5
-
kΩ
Iload=±10µA
COM
RON
-
3.5
-
kΩ
Standby current
Ist
-
-
5
µA
Display off, Oscillation off
Power consumption 1
IDD
-
5
15
µA
VDD=3.3V, VLCD=5V, Ta=25℃
Power save mode1, FR=70Hz
1/3 bias, Frame inverse
Power consumption 2
ILCD
-
10
20
µA
VDD=3.3V, VLCD=5V, Ta=25℃
Power save mode1, FR=70Hz
1/3 bias, Frame inverse
Oscillation Characteristics (VDD=2.5~5.5V, VLCD=2.5~5.5V, VSS=0V, Ta=-40~85℃, unless otherwise specified)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Frame frequency
fCLK
68
80
92
Hz
FR = 80Hz setting, VDD=3.3V
MPU interface Characteristics (VDD=2.5~5.5V, VLCD=2.5~5.5V, VSS=0V, Ta=-40~85℃, unless otherwise specified)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input rise time
tr
-
-
80
ns
Input fall time
tf
-
-
80
ns
SCL cycle time
tSCYC
400
-
-
ns
“H” SCL pulse width
tSHW
100
-
-
ns
“L” SCL pulse width
tSLW
100
-
-
ns
SD setup time
tSDS
20
-
-
ns
SD hold time
tSDH
50
-
-
ns
CSB setup time
tCSS
50
-
-
ns
CSB hold time
tCSH
50
-
-
ns
“H” CSB pulse time
tCHW
50
-
-
ns
Fig.2 Interface Timing (BU9794AKV)
CSB
SCL
SD
tCSH
tSCYC
tSLW
tSHW
tSDS
tSDH
tf
tr
tCSS
tCHW


Similar Part No. - BU9795AKV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9795AKV-E2 ROHM-BU9795AKV-E2 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
More results

Similar Description - BU9795AKV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
BU97930MUV ROHM-BU97930MUV Datasheet
546Kb / 24P
   Multifunction Segment Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com