Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9844GUL-WE2 Datasheet(PDF) 1 Page - Rohm

Part # BU9844GUL-WE2
Description  WL-CSP EEPROM family I2C BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9844GUL-WE2 Datasheet(HTML) 1 Page - Rohm

  BU9844GUL-WE2 Datasheet HTML 1Page - Rohm BU9844GUL-WE2 Datasheet HTML 2Page - Rohm BU9844GUL-WE2 Datasheet HTML 3Page - Rohm BU9844GUL-WE2 Datasheet HTML 4Page - Rohm BU9844GUL-WE2 Datasheet HTML 5Page - Rohm BU9844GUL-WE2 Datasheet HTML 6Page - Rohm BU9844GUL-WE2 Datasheet HTML 7Page - Rohm BU9844GUL-WE2 Datasheet HTML 8Page - Rohm BU9844GUL-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/18
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
High Reliability Series Serial EEPROMs
WL-CSP EEPROM family
I2C BUS
BU9844GUL-W
Description
BU9844GUL-W series is a serial EEPROM of I
2C BUS interface method. 1.7V single power source action and actions
available at 400kHz.
Features
1) Completely conforming to the world standard I
2C BUS. All controls available by 2 ports of serial clock (SCL)
and serial data(SDA)
2) Other devices than EEPROM can be connected to the same port, saving microcontroller port.
3) Actions available at 400kHz clock (1.7V~5.5V)
4) 1.7~5.5V single power source action most suitable for battery use.
5) Page write mode useful for initial value write at factory shipment.
6) Auto erase and auto end function at data rewrite.
7) Low current consumption
At write action (5V)
: 1.2mA (Typ.)
At read action (5V)
: 0.2mA (Typ.)
At standby action (5V) : 0.1μA (Typ.)
8) Write mistake prevention function
Write (write protect) function added.
Write mistake prevention function at low voltage.
9) Data rewrite up to 1,000,000times.
10) Data kept for 40 years.
11) Noise filter built in SCL / SDA terminal
12) Shipment data all address FFh.
Page write
Product number
Number of pages
BU9844GUL-W
16Byte
BU9844GUL-W
Type
Capacity
Bit format
Power source voltage
Package
BU9844GUL-W
16Kbit
2048×8
1.7~5.5V
VCSP50L1
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Impressed voltage
Vcc
-0.3~+6.5
V
Permissible dissipation
Pd
220
*1
mW
Storage temperature range
Tstg
-65~125
Operating temperature range
Topr
-40~85
Terminal voltage
-
-0.3~Vcc+1.0
V
*
When using at Ta=25℃ or higher, 2.2mW (*1) to be reduced per 1℃
Recommended action conditions
Parameter
Symbol
Ratings
Unit
Power source voltage
Vcc
1.7~5.5
V
Input voltage
Vin
0~Vcc
No.10001EAT18


Similar Part No. - BU9844GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9844GUL-WE2 ROHM-BU9844GUL-WE2 Datasheet
775Kb / 30P
   WLCSP EEPROM
More results

Similar Description - BU9844GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com