Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9880GUL-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BU9880GUL-WE2
Description  WL-CSP EEPROM family I2C BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9880GUL-WE2 Datasheet(HTML) 2 Page - Rohm

  BU9880GUL-WE2 Datasheet HTML 1Page - Rohm BU9880GUL-WE2 Datasheet HTML 2Page - Rohm BU9880GUL-WE2 Datasheet HTML 3Page - Rohm BU9880GUL-WE2 Datasheet HTML 4Page - Rohm BU9880GUL-WE2 Datasheet HTML 5Page - Rohm BU9880GUL-WE2 Datasheet HTML 6Page - Rohm BU9880GUL-WE2 Datasheet HTML 7Page - Rohm BU9880GUL-WE2 Datasheet HTML 8Page - Rohm BU9880GUL-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BU9880GUL-W
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Memory cell characteristics (Ta=25℃, Vcc=1.7~5.5V)
Parameter
Limits
Unit
Min.
Typ.
Max.
Number of data rewrite times
*1
1,000,000
Times
Data hold years
*1
40
Years
*1 Not 100% TESTED
Electrical characteristics (Unless otherwise specified Ta=-40~85℃, VCC=1.7~5.5V)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ.
Max.
"H" Input Voltage1
VIH1
0.7VCC
VCC+1.0
V
"L" Input Voltage1
VIL1
0.3
0.3Vcc
V
"L" Output Voltage1
VOL1
0.4
V
IOL=3.0mA, 2.5V≦VCC≦5.5V(SDA)
"L" Output Voltage2
VOL2
0.2
V
IOL=0.7mA, 1.7V≦VCC<2.5V(SDA)
Input Leakage Current
ILI
1
1
µA
VIN=0V ~ VCC
Output Leakage Current
ILO
1
1
µA
VOUT=0V ~ VCC(SDA)
Current consumption
at action
ICC1
2.0
mA
VCC=5.5V , fSCL =400kHz, tWR=5ms
Byte Write, Page Write
ICC2
0.5
mA
VCC=5.5V , fSCL =400kHz
Random read, Current read,
Sequential read
Standby Current
ISB
2.0
µA
VCC=5.5V , SDA・SCL=VCC, WP=GND
This product is not designed for protection against radioactive rays.
Action timing characteristics(Unless otherwise specified Ta=-40 ~ 85℃、VCC=1.7 ~ 5.5V)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
SCL Frequency
fSCL
400
kHz
Data clock "High" time
tHIGH
0.6
µs
Data clock "Low" time
tLOW
1.2
µs
SDA, SCL rise time
*1
tR
0.3
µs
SDA, SCL fall time
*1
tF
0.3
µs
Start condition hold time
tHD:STA
0.6
µs
Start condition setup time
tSU:STA
0.6
µs
Input data hold time
tHD:DAT
0
ns
Input data setup time
tSU:DAT
100
ns
Output data delay time
tPD
0.1
0.9
µs
Output data hold time
tDH
0.1
µs
Stop condition data setup time
tSU:STO
0.6
µs
Bus release time before transfer start
tBUF
1.2
µs
Internal write cycle time
tWR
5
ms
Noise removal valid period (SDA,SCL terminal)
tI
0.1
µs
WP hold time
tHD:WP
0
ns
WP setup time
tSU:WP
0.1
µs
WP valid time
tHIGH:WP
1.0
µs
*1 : Not 100% TESTED


Similar Part No. - BU9880GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-WE2 ROHM-BU9880GUL-WE2 Datasheet
777Kb / 26P
   WLCSP EEPROM
More results

Similar Description - BU9880GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com