Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSK-1E85-BV497 Datasheet(PDF) 1 Page - Meder Electronic

Part # KSK-1E85-BV497
Description  KSK Reed Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

KSK-1E85-BV497 Datasheet(HTML) 1 Page - Meder Electronic

  KSK-1E85-BV497 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KSK-1E85-BV497
Item:
| Email: salesasia@meder.com
2118570497
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
Reed switch modified
Pull-In Switching distance
Reed switch modified
Drop-Out Switching distance
for magnetic sensitivity
AlNiCo 500 / D=4 u.L=19mm
Switching magnet
Contact Data 85
Conditions
Min
Typ
Max
Unit
85
Contact-No.
E - bistable NO
Contact-form
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
!
100% Duty Cycle
Carry current
"
Measured with 40% overdrive
Contact resistance static
#"
RH <45 %, 100 V test voltage
Insulation resistance
$
according to IEC 255-5
Breakdown voltage (40-50 AT)
%
@ 10 kHz across open switch
Capacitance
Modified dimensions
Conditions
Min
Typ
Max
Unit
to dimensions see drawing
Remarks
Environmental data
Conditions
Min
Typ
Max
Unit
1/2 sine wave duration 11ms
Shock
from 10 - 2000 Hz
Vibration
&
'
Operating temperature
&
Storage temperature
&
(
wave soldering max. 5 sec.
Soldering temperature
bistabile function by internal AlNiCo magnet
Remarks 1.
General data
Conditions
Min
Typ
Max
Unit
permanent by strong magnetic fields.
)!*+,
Remark
Modifications in the sense of technical progress are reserved
22.06.04
EBUNKE
AKELLER
04
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
08.12.09
RKAMP
RKAMP
Approval by:
Approval by:
11.03.09
Approval at:
Approval at:
08.12.09


Similar Part No. - KSK-1E85-BV497

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
KSK-1E85-BV497_DE MEDER-KSK-1E85-BV497_DE Datasheet
105Kb / 1P
   (deutsch) KSK Reed Switch
More results

Similar Description - KSK-1E85-BV497

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
KSK-1A46-3035 MEDER-KSK-1A46-3035 Datasheet
61Kb / 1P
   KSK Reed Switch
KSK-1A66-BV11102 MEDER-KSK-1A66-BV11102 Datasheet
70Kb / 1P
   KSK Reed Switch
KSK-1E85-BV11470 MEDER-KSK-1E85-BV11470 Datasheet
88Kb / 1P
   KSK Reed Switch
KSK-1A04-1015 MEDER-KSK-1A04-1015 Datasheet
64Kb / 1P
   KSK Reed Switch
KSK-1A04-2025 MEDER-KSK-1A04-2025 Datasheet
64Kb / 1P
   KSK Reed Switch
KSK-1A04-1520 MEDER-KSK-1A04-1520 Datasheet
64Kb / 1P
   KSK Reed Switch
KSK-1A35-1015 MEDER-KSK-1A35-1015_09 Datasheet
79Kb / 1P
   KSK Reed Switch
KSK-1A54-8090 MEDER-KSK-1A54-8090 Datasheet
45Kb / 1P
   KSK Reed Switch
KSK-1A80-2030 MEDER-KSK-1A80-2030 Datasheet
47Kb / 1P
   KSK Reed Switch
KSK-1A83-100120 MEDER-KSK-1A83-100120 Datasheet
67Kb / 1P
   KSK Reed Switch
KSK-1A85-2030 MEDER-KSK-1A85-2030 Datasheet
45Kb / 1P
   KSK Reed Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com