Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0001YP Datasheet(PDF) 10 Page - Sharp Corporation

Part # GP2W0001YP
Description  IrDA Data Sheet 115 kbps Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0001YP Datasheet(HTML) 10 Page - Sharp Corporation

Back Button GP2W0001YP Datasheet HTML 6Page - Sharp Corporation GP2W0001YP Datasheet HTML 7Page - Sharp Corporation GP2W0001YP Datasheet HTML 8Page - Sharp Corporation GP2W0001YP Datasheet HTML 9Page - Sharp Corporation GP2W0001YP Datasheet HTML 10Page - Sharp Corporation GP2W0001YP Datasheet HTML 11Page - Sharp Corporation GP2W0001YP Datasheet HTML 12Page - Sharp Corporation GP2W0001YP Datasheet HTML 13Page - Sharp Corporation GP2W0001YP Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GP2W0001YP
115 kbps Transceiver
10
IrDA Data Sheet
INCOMING INSPECTION
• Inspection lot: Inspection shall be carried out per
each delivery lot.
• Inspection method: A single sampling plan, normal
inspection level two based on ISO 2859 shall be
adopted.
PRECAUTIONS FOR SOLDERING
Solder Reflow
Solder only once at the temperature and the time
within the temperature profile as shown in Figure 13.
Other Precautions
An infrared lamp used to heat up for soldering may
cause a localized temperature rise in the resin. Keep the
package temperature within that specified in Figure 13.
Also avoid immersing the resin part in the solder. Even if
within the temperature profile shown in Figure 13, there
is the possibility that the gold wire in the package may
break if the deformation of the PCB affects the lead pins.
Use after fully confirming the conditions of actual solder
reflow machine.
Soldering
• Soldering iron shall be less than 25 W, and temper-
ature of soldering iron point shall be used at less
than 260°C.
• Soldering time shall be within 3 seconds.
• Soldered product shall treat at normal temperature.
• Solder: 6/4 solder or included Ag solder.
Table 1. Incoming Inspection
PARAMETER
INSPECTION ITEMS AND
TEST METHOD
AQL(%)
Major defect
Disconnection, short
0.1
Inverse polarity on terminal
0.1
Soldering defect (obstacle
to use)
0.1
Electrical characteristic defect
0.1
Minor defect
Appearance defect which
affects the electrical character-
istics such as, split, chip,
scratch, stain, or blur
0.25
Figure 13. Temperature Profile
1 - 4
°C/s
200
°C
230
°C
MAX.
165
°C
MAX.
25
°C
120 s MAX.
90 s MAX.
60 s MAX.
5 s MAX.
1 - 4
°C/s
1 - 4
°C/s
GP2W0001YP-13


Similar Part No. - GP2W0001YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
More results

Similar Description - GP2W0001YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0104YP SHARP-GP2W0104YP Datasheet
99Kb / 14P
   115 kbps Transceiver
GP2W0106YP SHARP-GP2W0106YP Datasheet
107Kb / 16P
   115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Vishay Siliconix
IRMS6118 VISHAY-IRMS6118 Datasheet
476Kb / 8P
   115 Kb/s Infrared Data Transceiver
Revision 17-August-01
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
UCC5342 TI1-UCC5342 Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com