Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0001YP Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2W0001YP
Description  IrDA Data Sheet 115 kbps Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0001YP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2W0001YP Datasheet HTML 2Page - Sharp Corporation GP2W0001YP Datasheet HTML 3Page - Sharp Corporation GP2W0001YP Datasheet HTML 4Page - Sharp Corporation GP2W0001YP Datasheet HTML 5Page - Sharp Corporation GP2W0001YP Datasheet HTML 6Page - Sharp Corporation GP2W0001YP Datasheet HTML 7Page - Sharp Corporation GP2W0001YP Datasheet HTML 8Page - Sharp Corporation GP2W0001YP Datasheet HTML 9Page - Sharp Corporation GP2W0001YP Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GP2W0001YP
115 kbps Transceiver
6
IrDA Data Sheet
Electrical Characteristics
TA = -25°C, VCC = 5 V unless otherwise specified
NOTES:
1. VCC = 5 V, no input signal, output terminal open, VIHSD = VCC -0.6 V.
2. VCC = 3 V, no input signal, output terminal open, VIHSD = VCC -0.6 V.
3. VCC = 5 V, SD terminal open.
4. VCC = 3 V, SD terminal open.
5. VCC = 5 V.
6. VCC = 3 V.
7. VCC = 5 V, IOL = 400 µA.
8. VCC = 3 V, IOL = 400 µA. See Figures 6, 7, and 8.
9. BR = 115.2 kbps. See Figures 6, 7, and 8.
10. VOH, VOL, tw, tr, tf shall be satisfied at φ ≤ 15°. See Figures 6, 7, and 8.
11. BR = 115.2 kbps,
φ ≤ 15°, VCC = 3 V, RL = 2.2 Ω,
VINTX = 2.7 V, R2 = 1 k
Ω ±5%, CX2 = 1,500 pF. See Figures 9, 10, and 11.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Current consumption at no input signal
ICC1
1.0
1.4
mA
1
ICC2
0.7
1.0
mA
2
Current consumption at shut-down mode
ICC1-S
0.5
1.0
µA
3
ICC2-S
0.3
1.0
µA
4
High level output voltage
VOH1
4.5
V
5
VOH2
2.5
V
6
Low level output voltage
VOL1
0.6
V
7
VOL2
0.6
V
8
Low level pulse width
tw
0.8
8.0
µs
9
Rise time
tr
1.2
µs
9
Fall time
tf
0.2
µs
9
Maximum reception distance
L
1
m
10
Radiant intensity
IE
40
350
mW/Sr
11
Peak emission wavelength
λp
850
870
900
nm
11
Figure 6. Input Signal Waveform (Detector Side)
NOTE: At BR = 2.4 kbps: T1 = 416.7 µs, T2 = 78.1 µs
At BR = 115.2 kbps: T1 = 8.68 µs, T2 = 1.63 µs
T1
T2
RADIATION
INTENSITY OF
TRANSMITTER
40 mW/Sr
T1
GP2W0001YP-6
Figure 7. Output Waveform (Detector Side)
tW
VOL
tR
tF
VOH
90%
50%
10%
GP2W0001YP-7


Similar Part No. - GP2W0001YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
More results

Similar Description - GP2W0001YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0104YP SHARP-GP2W0104YP Datasheet
99Kb / 14P
   115 kbps Transceiver
GP2W0106YP SHARP-GP2W0106YP Datasheet
107Kb / 16P
   115 kbps Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
Vishay Siliconix
IRMS6118 VISHAY-IRMS6118 Datasheet
476Kb / 8P
   115 Kb/s Infrared Data Transceiver
Revision 17-August-01
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
UCC5342 TI1-UCC5342 Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com