Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU95101SR Datasheet(PDF) 9 Page - Rohm

Part # BU95101SR
Description  Drivers for Large LCD Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95101SR Datasheet(HTML) 9 Page - Rohm

Back Button BU95101SR Datasheet HTML 5Page - Rohm BU95101SR Datasheet HTML 6Page - Rohm BU95101SR Datasheet HTML 7Page - Rohm BU95101SR Datasheet HTML 8Page - Rohm BU95101SR Datasheet HTML 9Page - Rohm BU95101SR Datasheet HTML 10Page - Rohm BU95101SR Datasheet HTML 11Page - Rohm BU95101SR Datasheet HTML 12Page - Rohm BU95101SR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
9/14
BU95101
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Relationship between Input Data and Output Voltage
The LCD driver output voltages are determined by the input data and 10γ-corrected power supply.
0.1V≦V10≦V9≦V8≦V7≦V6≦0.5AVDD
0.5 AVDD≦V5≦V4≦V3≦V2≦V1≦AVDD -0.1V
Fig.3 Input data - γ correction curve
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
00H
10H
20H
30H
3FH
08H
18H
28H
38H
AVDD
AVSS
Vout
Input Data
VCOM


Similar Part No. - BU95101SR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95103BL ROHM-BU95103BL Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103BR ROHM-BU95103BR Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103SL ROHM-BU95103SL Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95103SR ROHM-BU95103SR Datasheet
434Kb / 15P
   6bit RSDS Source Driver
BU95106BL ROHM-BU95106BL Datasheet
311Kb / 15P
   6bit RSDS Source Driver
More results

Similar Description - BU95101SR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP_14 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com