Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU99901GUZ-W Datasheet(PDF) 5 Page - Rohm

Part # BU99901GUZ-W
Description  WL-CSP EEPROM family I2C BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU99901GUZ-W Datasheet(HTML) 5 Page - Rohm

  BU99901GUZ-W Datasheet HTML 1Page - Rohm BU99901GUZ-W Datasheet HTML 2Page - Rohm BU99901GUZ-W Datasheet HTML 3Page - Rohm BU99901GUZ-W Datasheet HTML 4Page - Rohm BU99901GUZ-W Datasheet HTML 5Page - Rohm BU99901GUZ-W Datasheet HTML 6Page - Rohm BU99901GUZ-W Datasheet HTML 7Page - Rohm BU99901GUZ-W Datasheet HTML 8Page - Rohm BU99901GUZ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Note
5/16
BU99901GUZ-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Characteristic data (The following values are Typ. ones.)
-200
-100
0
100
200
300
01
2
34
56
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
2
3
45
6
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
0.5
1
1.5
2
2.5
01
2
34
56
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
-0.1
0.9
1.9
2.9
3.9
4.9
5.9
012
3
456
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0.1
1
10
100
1000
10000
01
2345
6
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
-200
-150
-100
-50
0
50
012
3456
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
1
2
3
4
5
01
2
34
5
6
SUPPLY VOLTAGE : Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.10 Current consumption at WRITE operation Icc1
(fscl=400kHz)
Fig.16 Data clock High Period tHIGH
0
1
2
3
4
5
012
3456
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.17 Data clock Low Period tLOW
0
1
2
3
4
5
01
234
5
6
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.18 Start Condition Hold Time
tHD : STA
Fig.19 Start Condition Setup Time
 
tSU : STA
Fig.20 Input Data Hold Time
tHD : DAT(HIGH)
Fig.22 Input Data Setup Time tSU: DAT(HIGH)
Fig.23 Input Data Setup Time tSU : DAT(LOW)
0
1
2
3
4
01
2
3
45
6
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.24 Data output delay time tPD0
-200
-150
-100
-50
0
50
01
23
45
6
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
-200
-100
0
100
200
300
0123
456
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.15 SCL frequency fSCL
-0.5
0
0.5
1
1.5
2
012
3456
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.11 Current consumption at READ operation Icc2
(fscl=400kHz)
0
0.5
1
1.5
2
2.5
3
3.5
01
2
345
6
Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.12 Current consumption at WRITE operation Icc1
(fscl=100kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
34
5
6
Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.13 Current consumption at READ operation Icc2
fscl=100kHz)
Fig.14 Stanby operation ISB
Fig.21 Input Data Hold Time
tHD : DAT(LOW)


Similar Part No. - BU99901GUZ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU99901GUZ-W ROHM-BU99901GUZ-W Datasheet
286Kb / 12P
   Silicon Monolithic Integrated Circuit
BU99901GUZ-W ROHM-BU99901GUZ-W Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-WE2 ROHM-BU99901GUZ-WE2 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results

Similar Description - BU99901GUZ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com