Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97500KV Datasheet(PDF) 10 Page - Rohm

Part # BU97500KV
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97500KV Datasheet(HTML) 10 Page - Rohm

Back Button BU97500KV Datasheet HTML 6Page - Rohm BU97500KV Datasheet HTML 7Page - Rohm BU97500KV Datasheet HTML 8Page - Rohm BU97500KV Datasheet HTML 9Page - Rohm BU97500KV Datasheet HTML 10Page - Rohm BU97500KV Datasheet HTML 11Page - Rohm BU97500KV Datasheet HTML 12Page - Rohm BU97500KV Datasheet HTML 13Page - Rohm BU97500KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Technical Note
10/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
<BU97500KV>
DC Characteristics (Unless otherwise indicated, VDD=2.7 ~ 5.5V, VLCD=4.5 ~ 5.5V, VSS=0V, Ta=-40 ~ 85°C)
Parameters
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
“H” Input Voltage
VIH
0.7VDD
-
VDD
V
SD, SCL, CSB, RESB, OSC
“L” Input Voltage
VIL
VSS
-
0.3VDD
V
SD, SCL, CSB, RESB, OSC
“H” Input Current
IIH
5.0
µA
SD,SCL,CSB,RESB, OSC
VI=5.5V
“L” Input Current
IIL
-5.0
µA SD,SCL,CSB,RESB, OSC
VI=0V
“H” Level Output Voltage
VOH1
VLCD
-1.0
V
P1 ~ P4, Io=1mA
VOH2
VLCD
-1.0
S1 ~ S52, Io=20µA
VOH3
VLCD
-1.0
COM1 ~ COM4, Io=100µA
“L” Level Output Voltage
VOL1
-
-
1.0
V
P1 ~ P4, Io=1mA
VOL2
-
-
1.0
S1 ~ S52, Io=20µA
VOL3
-
-
1.0
COM1 ~ COM4, Io=100µA
LCD Bias Voltage
VMID1
1/2VLCD
-1.0
-
1/2VLCD
+1.0
V
S1 ~ S52
1/2 Bias, Io=±100µA
VMID2 1/2VLCD
-1.0
-
1/2VLCD
+1.0
COM1 ~ COM4
1/2 Bias, Io=±100µA
VMID3
2/3VLCD
-1.0
-
2/3VLCD
+1.0
S1 ~ S52
1/3 Bias, Io=±20µA
VMID4 1/3VLCD
-1.0
-
1/3VLCD
+1.0
S1 ~ S52
1/3 Bias, Io=±20µA
VMID5
2/3VLCD
-1.0
-
2/3VLCD
+1.0
COM1 ~ COM4
1/3Bias, Io=±100µA
VMID6 1/3VLCD
-1.0
-
1/3VLCD
+1.0
COM1 ~ COM4
1/3 Bias, Io=±100µA
Current consumption
IstVDD
-
1
5
µA
Input Pin ALL ”L”
Display off, Disable oscillator
IstVLCD
-
1
5
Input Pin ALL ”L”
Display off, Disable oscillator
ILCD1
-
2
10
VDD=VLCD=5.0V
Output unloaded
fFR=80Hz
ILCD2
-
40
95
VDD=VLCD=5.0V
Output unloaded
1/2 Bias, fFR=80Hz
ILCD3
-
65
140
VDD=VLCD=5.0V
Output unloaded
1/3 Bias, fFR=80Hz


Similar Part No. - BU97500KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9750-E2 ROHM-BU9750-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU97501KV ROHM-BU97501KV Datasheet
823Kb / 33P
   Integrated RAM for display data
BU9750FUV-E2 ROHM-BU9750FUV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750FV-E2 ROHM-BU9750FV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750GUW-E2 ROHM-BU9750GUW-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Similar Description - BU97500KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com