Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0001 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2W0001
Description  Low Power Infrared Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0001 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2W0001 Datasheet HTML 1Page - Sharp Corporation GP2W0001 Datasheet HTML 2Page - Sharp Corporation GP2W0001 Datasheet HTML 3Page - Sharp Corporation GP2W0001 Datasheet HTML 4Page - Sharp Corporation GP2W0001 Datasheet HTML 5Page - Sharp Corporation GP2W0001 Datasheet HTML 6Page - Sharp Corporation GP2W0001 Datasheet HTML 7Page - Sharp Corporation GP2W0001 Datasheet HTML 8Page - Sharp Corporation GP2W0001 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low Power Infrared Transceiver
GP2W0001YP/GP2W0002YP
Technical Information
3
Solder Paste Footprints
Figure 3 and Figure 4 are the Solder Paste footprint
drawings for both parts. Note that the GP2W0002YP
footprint in Figure 4 is compatible with both parts.
Figure 3. GP2W0001YP Soldering Footprint
Figure 4. GP2W0002YP Soldering Footprint
0.9
0.7
P 1.4 × 5 = 7
NOTE: Viewed from the parts side of PCB.
LENS (PD/LED) SIDE
GP2W0001YP-22
1
2
3
4
5
6
0.9
0.8
0.8
LENS (PD/LED) SIDE
0.7
P 1.4 × 5 = 7
10
GP2W0001YP-23
1
2
3
4
5
6
NOTE: Viewed from the parts side of PCB.
Table 1. Pinouts
PIN NO.
DESCRIPTION
SYMBOL
1
LED Anode
LEDA
2
Transmitter Data Input
TxD
3
Shut Down Circuit Input
SD
4
Receiver Data Output
RxD
5
Ground
GND
6
Supply Voltage
VCC
Figure 5. Pin Locations
GP2W0001YP-28
PIN 1
PIN 6
PIN 1
PIN 6


Similar Part No. - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001 SHARP-GP2W0001 Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
   IrDA Data Sheet 115 kbps Transceiver
More results

Similar Description - GP2W0001

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0110YPS SHARP-GP2W0110YPS Datasheet
551Kb / 14P
   Low Power Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
   INFRARED TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
   Infrared Transceiver
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 22-Oct-2018
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
   IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com