Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97500FV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU97500FV-E2
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97500FV-E2 Datasheet(HTML) 1 Page - Rohm

  BU97500FV-E2 Datasheet HTML 1Page - Rohm BU97500FV-E2 Datasheet HTML 2Page - Rohm BU97500FV-E2 Datasheet HTML 3Page - Rohm BU97500FV-E2 Datasheet HTML 4Page - Rohm BU97500FV-E2 Datasheet HTML 5Page - Rohm BU97500FV-E2 Datasheet HTML 6Page - Rohm BU97500FV-E2 Datasheet HTML 7Page - Rohm BU97500FV-E2 Datasheet HTML 8Page - Rohm BU97500FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/23
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
LCD Segment Driver series
Multifunction
Segment Drivers
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
Description
New released Multi-function type segment drivers support GPO function, LED driving function, static-driving mode, and
Blink function that can blink each segment individually.
ROHM Multi-function segment driver series contribute to reduction in cost of system and easy software development.
Features (BU97930MUV, BU97931FV, BU9798KV/GUW)
1) LCD drive output
Common output : 4, Segment output : 27 (BU97930MUV)
Common output : 4, Segment output : 28 (BU97931FV)
Common output : 4, Segment output : 49 (BU9798KV/GUW)
2) Integrated Display data RAM (DDRAM)
RAM: 28*4 =112 bit (BU97930MUV, BU97931FV)
RAM: 49*4 =196 bit (BU9798KV/GUW)
3) 3-wire Serial interface (SD, SCL, CSB)
4) Integrated Oscillator circuit
5) Integrated LCD Voltage generator circuit
Support: 1/3 Bias, 1/3 or 1/4 Duty
Support: 1/1 Bias, 1/1Duty (Static Driving)
Integrated buffer amp
Integrated regulator for LCD drive: 3.2, 3.3, 3.4, 4.4, 4.5, 4.6, 5.0V selectable (BU9798KV/GUW)
6) Support Split Supply for Logic (VDD) and LCD (VLCD)
7) Integrated LED driver circuit
8) Segment terminals operation, segment output mode/GPO output mode selectable
9) Segment terminals operation, segment output mode/LED output mode selectable (BU9798KV/GUW)
10) Support PWM source select, external clock or internal clock
Resolution 8bit mode/12bit mode selectable (BU9798KV/GUW)
Resolution 8bit mode (BU97930MUV, BU97931FV)
11) Low power consumption design
12) Support standby mode
13) Integrated Power-On-Reset circuit (POR).
14) No external component
15) Support Independent blink function
Blink frequency 1.6, 2.0, 2.6, 4.0Hz selectable
16) Operating power supply : 1.8 ~ 3.6V
17) LCD drive power supply : 2.7 ~ 5.5V (BU97930MUV, BU97931FV)
: 3.3 ~ 5.5V (BU9798KV/GUW)
No.10044EAT04


Similar Part No. - BU97500FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9750-E2 ROHM-BU9750-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU97501KV ROHM-BU97501KV Datasheet
823Kb / 33P
   Integrated RAM for display data
BU9750FUV-E2 ROHM-BU9750FUV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750FV-E2 ROHM-BU9750FV-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9750GUW-E2 ROHM-BU9750GUW-E2 Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Similar Description - BU97500FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com