Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP222M Datasheet(PDF) 2 Page - Rohm

Part # DAP222M
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAP222M Datasheet(HTML) 2 Page - Rohm

  DAP222M Datasheet HTML 1Page - Rohm DAP222M Datasheet HTML 2Page - Rohm DAP222M Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DAP222M
 
0
1
2
3
4
5
6
7
8
9
10
AVE:1.93ns
Ta=25℃
VR=6V
IF=5mA
RL=50Ω
n=10pcs
1
10
100
0.1
1
10
100
t
Ifsm
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.001
0.01
0.1
1
10
100
1000
10000
0
1020
304050607080
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.1
1
10
0
5
10
15
20
f=1MHz
850
860
870
880
890
900
AVE:870.1mV
Ta=25℃
IF=100mA
n=30pcs
0
10
20
30
40
50
60
70
80
90
100
Ta=25℃
VR=70V
n=10pcs
AVE:4.310nA
0
1
2
3
4
5
6
7
8
9
10
AVE:1.81pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
0
5
10
15
20
AVE:2.50A
8.3ms
Ifsm
1cyc
0
1
2
3
4
5
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
1
2
3
4
5
6
7
8
9
10
AVE:1.47kV
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:2.98kV
2/2
2011.06 - Rev.B


Similar Part No. - DAP222M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DAP222M DIODES-DAP222M Datasheet
63Kb / 4P
   Ultra high speed switching
logo
Rohm
DAP222M ROHM-DAP222M Datasheet
602Kb / 3P
   Switching diode
logo
WILLAS ELECTRONIC CORP
DAP222M WILLAS-DAP222M Datasheet
322Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
DAP222M JIANGSU-DAP222M Datasheet
860Kb / 3P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
DAP222M BILIN-DAP222M Datasheet
172Kb / 3P
   Surface Mount Fast Switching Diode
More results

Similar Description - DAP222M

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com