Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMT18N Datasheet(PDF) 2 Page - Rohm

Part # UMT18N
Description  General purpose transistors(dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMT18N Datasheet(HTML) 2 Page - Rohm

  UMT18N Datasheet HTML 1Page - Rohm UMT18N Datasheet HTML 2Page - Rohm UMT18N Datasheet HTML 3Page - Rohm UMT18N Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.08 - Rev.C
Data Sheet
EMT18 / UMT18N / IMT18
Electrical characteristics (Ta=25
C)
Parameter
Collector-base breakdown voltage
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
−15
−−
VIC
= −10μA
IC
= −1mA
IE
= −10μA
VCB
= −15V
VCE
= −2V, IE=10mA, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
Collector-emitter breakdown voltage
BVCEO
−12
−−
V
Emitter-base breakdown voltage
BVEBO
−6
−−
V
Collector cutoff current
ICBO
−−
−0.1
μA
VCB
= −6V
Emitter cutoff current
IEBO
−−
−0.1
μA
IC / IB
= −200mA / −10mA
Collector-emitter saturation voltage
VCE (sat)
−−100 −250 mV
VCE
= −2V, IC= −10mA
DC current transfer ratio
hFE
270
680
Transition frequency
fT
260
MHz
Output capacitance
Cob
6.5
pF
Packaging specifications and hFE
Package name
Code
Taping
Basic ordering unit (pieces)
EMT18
UMT18N
IMT18
T2R
8000
TR
3000
−−
T110
3000
Type
Electrical characteristic curves
1
2
5
10
20
50
100
200
500
1000
0
0.5
1.0
1.5
BASE TO EMITTER VOLTAGE : VBE (V)
VCE
=2V
Fig.1 Grounded Emitter Propagation
Characteristics
Ta
= −40∞C
Ta
=25∞C
Ta
=125∞C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
VCE
=2V
Fig.2 DC Current Gain vs.
Collector Current
Ta
= −40∞C
Ta
=25∞C
Ta
=125∞C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
= −40°C
Ta
=25°C
Ta
=125°C
Fig.3 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)


Similar Part No. - UMT18N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT18N ROHM-UMT18N Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
UMT18N ROHM-UMT18N Datasheet
114Kb / 4P
   General purpose transistors (dual transistors)
More results

Similar Description - UMT18N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com