Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMY1N Datasheet(PDF) 2 Page - Rohm

Part # UMY1N
Description  Emitter common (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMY1N Datasheet(HTML) 2 Page - Rohm

  UMY1N Datasheet HTML 1Page - Rohm UMY1N Datasheet HTML 2Page - Rohm UMY1N Datasheet HTML 3Page - Rohm UMY1N Datasheet HTML 4Page - Rohm UMY1N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMY1 / UMY1N / FMY1A
Transistors
Rev.A
2/4
Electrical characteristics (Ta = 25
°C)
Tr1 (PNP)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE (sat)
Cob
Min.
−60
−50
−6
120
4
−0.1
−0.1
560
−0.5
5
VIC
=
−50µA
IC
=
−1mA
IE
=
−50µA
VCB
=
−60V
VEB
=
−6V
VCE
=
−6V, IC=−1mA
IC/IB
=
−50mA/−5mA
V
V
µA
µA
V
PF
Typ. Max. Unit
Conditions
fT
140
VCE
=
−12V, IE=2mA, f=100MHz
VCB
=
−12V, IE=0A, f=1MHz
MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Collector-emitter saturation voltage
Output capacitance
Tr2 (NPN)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE (sat)
Cob
Min.
60
50
7
120
2
0.1
0.1
560
0.4
3.5
VIC
=50
µA
IC
=1mA
IE
=50
µA
VCB
=60V
VEB
=7V
VCE
=6V, IC=1mA
IC/IB
=50mA/5mA
V
V
µA
µA
V
PF
Typ. Max. Unit
Conditions
fT
180
VCE
=12V, IE=
−2mA, f=100MHz
VCB
=12V, IE=0A, f=1MHz
MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Collector-emitter saturation voltage
Output capacitance
Packaging specifications
Packaging type
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMY1N
T2R
8000
EMY1
FMY1
Type
Electrical characteristic curves
Tr1 (PNP)
−0.2
−50
−20
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6
VCE=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Ta=100˚C
25˚C
40˚C
Fig.1 Grounded emitter propagation
characteristics
−0.4
−4
−8
−1.2
0
−2
−6
−10
−0.8
−1.6
−2.0
−3.5µA
−7.0
−10.5
−14.0
−17.5
−21.0
−24.5
−28.0
−31.5
IB=0
Ta=25˚C
−35.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics ( I )
−40
−80
−5
−3
−4
−2
−1
−20
−60
−100
0
IB=0
Ta=25˚C
−50µA
−100
−150
−200
−250
−500
−450
−400
−350
−300
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded emitter output
characteristics ( II )


Similar Part No. - UMY1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMY1N ROHM-UMY1N Datasheet
98Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Unisonic Technologies
UMY1N UTC-UMY1N Datasheet
84Kb / 3P
   DUAL TRANSISTOR
logo
California Eastern Labs
UMY1N CEL-UMY1N Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - UMY1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMY1NTR ROHM-UMY1NTR Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMW1T148 ROHM-FMW1T148 Datasheet
115Kb / 3P
   Emitter common (dual transistors)
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
EMY1 ROHM-EMY1 Datasheet
98Kb / 5P
   Emitter common (dual transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com