Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW47N60CFD Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPW47N60CFD
Description  CoolMOS Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW47N60CFD Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPW47N60CFD_08 Datasheet HTML 1Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 2Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 3Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 4Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 5Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 6Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 7Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 8Page - Infineon Technologies AG SPW47N60CFD_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
@>D+.<-'364
>GWGSKYKW
@^SHUR 3UTJOYOUTX
BTOY
SOT%
Y^V%
SG]%
# /?/;</  39./
 ;
A67 5A@ E
;
@ FAFD8AC
H3 C
6 5FC
C
7@ E
) I
&
&
-/
7
 ;
A67 BF>
D7 5FC
C
7@ E
) I%^bZ`S
&
&
**.
 ;
A67 8AC
H3 C
6 GA>
E
3 97
. I;
I;
. >I
>I0) =   
- X   U
&
*')
*'+
L
, 7G7C
D7 C
75AG7C
J E
;
? 7
2 ____
&
+*)
&
\`
, 7G7C
D7 C
75AG7C
J 5: 3 C
97
+ ____
&
+
&
s9
* 73 = C
7G7C
D7 C
75AG7C
J 5FC
C
7@ E
) __[
&
*1
&
7
% B: 3-+6% ;+8<3/8=% 2/;7 +6 2+;+-=/;3<=3-<
. H  0) =5) I
R1 =(R
(R2    W D
- 9   U
CGRZKX
.#
.# &
aV/ ? A67>
DE
: 7 3 66;
E
;
A@ 3 >: 73 E53 B3 5;
E
3 @ 57 A8E
: 7 B3 5=3 97 ;
@ 53 D7 A8@ A@ ;
673 >5AA>
;
@ 9 $E;
D@ AE@ 77676 ;
8
, aV97& 1
@^SHUR
CGRZK
BTOY
@^SHUR
CGRZK
BTOY
Y^V%
Y^V%
, aV*
)'))+12
B(M
& aV*
)')))./-
M`(B
, aV+
)')),22
& aV+
)')),-
, aV,
)')++-
& aV,
)'))-1
, aV-
)')-+*
& aV-
)')+0,
, aV.
)')/*2
& aV.
)'*-2
& aV/
-'-
.#
.#
, 7G  
B3 97 
   
U qjfxj styj ymj sj | ufhpflj in
rj sxn
tsxfwhhtwin
sl yt UH S 755>26892F


Similar Part No. - SPW47N60CFD_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPW47N60CFD INFINEON-SPW47N60CFD Datasheet
382Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 1 2005-06-28
logo
Inchange Semiconductor ...
SPW47N60CFD ISC-SPW47N60CFD Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - SPW47N60CFD_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com