Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW52N50C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPW52N50C3
Description  CoolMOS??Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW52N50C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPW52N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPW52N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
200
8-02-11
Rev. 2.
6
Page 4
SPW52N50C3
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
52
A
Inverse diode direct current,
pulsed
ISM
-
-
156
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=380V, IF=IS ,
diF/dt=100A/μs
-
580
-
ns
Reverse recovery charge
Qrr
-
20
-
μC
Peak reverse recovery current
Irrm
-
70
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
-
900
-
A/μs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
typ.
typ.
Thermal resistance
Rth1
0.002689
K/W
Rth2
0.005407
Rth3
0.011
Rth4
0.054
Rth5
0.071
Rth6
0.036
Thermal capacitance
Cth1
0.001081
Ws/K
Cth2
0.004021
Cth3
0.005415
Cth4
0.014
Cth5
0.025
Cth6
0.158
E xternal H eatsink
Tj
Tcase
Tam b
C th1
C th2
R th1
R th,n
C th,n
P tot (t)
Please note the new package dimensions arccording to PCN 2009-134-A


Similar Part No. - SPW52N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
logo
Inchange Semiconductor ...
SPW52N50C3 ISC-SPW52N50C3 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPW52N50C3 VBSEMI-SPW52N50C3 Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Super Junction Power MOSFET
More results

Similar Description - SPW52N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com