Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD2003-DC72A Datasheet(PDF) 3 Page - Rohm

Part # KD2003-DC72A
Description  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD2003-DC72A Datasheet(HTML) 3 Page - Rohm

  KD2003-DC72A Datasheet HTML 1Page - Rohm KD2003-DC72A Datasheet HTML 2Page - Rohm KD2003-DC72A Datasheet HTML 3Page - Rohm KD2003-DC72A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KD2003-DC72A
Data Sheet
3/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Characteristics
Parameter
Rave
VH
PO
80
0.125
640
550
24
0.80
0.49
640
8
φ20.0
SLT
mm
mm
dots
V
W/dot
ms
dots
MHz
mm
150/(1
×108)
5 to 45
km/pulses
°C
Effective printing width
Symbol
Typical
Unit
Average resistance value
Dot pitch
Total dot number
Maximum number of dots energized simultaneously
Maximum clock frequency
Maximum roller diameter
Running life / pulse life
Operating temperature
Applied power
Applied voltage
Print cycle
Data sheets
ENERGY (mJ/dot)
Fig.2 Representative density curve
SLT : 0.82ms/line
0.40
0.30 0.35
0.20 0.25
0.10 0.15
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.00 0.05
SCANNING LINE TIME (ms/line)
Fig.3 Maximum energy curve
0
0.4
0.2
0.8
0.6
1.0
1.2
1.4
1.0
0.8
0.9
0.6
0.7
0.4
0.5
0.2
0.3
0.1
0.0
Level6
Level5
Level4
Level3
Level1
Level2


Similar Part No. - KD2003-DC72A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results

Similar Description - KD2003-DC72A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF3002-GM50A ROHM-KF3002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3003-GM50A ROHM-KF3003-GM50A Datasheet
83Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC72A ROHM-KD3002-DC72A Datasheet
123Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3003-DC72A ROHM-KD3003-DC72A Datasheet
134Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3006-GM50A ROHM-KF3006-GM50A Datasheet
88Kb / 6P
   Thick film thermal printhead (with thermal historical control)
KD3004-DC70A ROHM-KD3004-DC70A Datasheet
61Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC70A ROHM-KD3002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2004-GM50A ROHM-KF2004-GM50A Datasheet
71Kb / 3P
   Thick film thermal printhead (with thermal historical control)
KD2002-DC70A ROHM-KD2002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2002-GM50A ROHM-KF2002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com