Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC5883L-TR Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HMC5883L-TR
Description  3-Axis Digital Compass IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC5883L-TR Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HMC5883L-TR Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC5883L-TR Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HMC5883L
www.honeywell.com
3
Absolute Maximum Ratings (* Tested at 25°C except stated otherwise.)
Characteristics
Min
Max
Units
Supply Voltage VDD
-0.3
4.8
Volts
Supply Voltage VDDIO
-0.3
4.8
Volts
PIN CONFIGURATIONS
Pin
Name
Description
1
SCL
Serial Clock
– I
2C Master/Slave Clock
2
VDD
Power Supply (2.16V to 3.6V)
3
NC
Not to be Connected
4
S1
Tie to VDDIO
5
NC
Not to be Connected
6
NC
Not to be Connected
7
NC
Not to be Connected
8
SETP
Set/Reset Strap Positive
– S/R Capacitor (C2) Connection
9
GND
Supply Ground
10
C1
Reservoir Capacitor (C1) Connection
11
GND
Supply Ground
12
SETC
S/R Capacitor (C2) Connection
– Driver Side
13
VDDIO
IO Power Supply (1.71V to VDD)
14
NC
Not to be Connected
15
DRDY
Data Ready, Interrupt Pin. Internally pulled high. Optional connection. Low for 250
µsec when data is placed in the data output registers.
16
SDA
Serial Data
– I
2C Master/Slave Data
Table 1: Pin Configurations
Arrow indicates direction of magnetic field that generates a positive output reading in Normal Measurement configuration.


Similar Part No. - HMC5883L-TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
More results

Similar Description - HMC5883L-TR

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MXG2320 MGCHIP-MXG2320 Datasheet
54Kb / 1P
   3-axis digital compass IC
MXG2321 MGCHIP-MXG2321 Datasheet
51Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC5843 HONEYWELL-HMC5843 Datasheet
611Kb / 19P
   3-Axis Digital Compass IC
HMC5983 HONEYWELL-HMC5983 Datasheet
857Kb / 28P
   3-Axis Digital Compass IC
logo
Honeywell Accelerometer...
HMC5983-DEM HONEYWELL-ACC-HMC5983-DEM Datasheet
857Kb / 28P
   3-Axis Digital Compass IC
logo
MagnaChip Semiconductor...
MXG3300 MGCHIP-MXG3300 Datasheet
64Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
   3-Axis Digital Compass Module
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com