Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2881-O Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2881-O
Description  NPN Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2881-O Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2881-O Datasheet HTML 1Page - Micro Commercial Components 2SC2881-O Datasheet HTML 2Page - Micro Commercial Components 2SC2881-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2881-O
NPN Silicon
Power Transistors
Features
With SOT-89 package
Power amplifier applications
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
120
V
VCBO
Collector-Base Voltage
120
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
800
mA
IB
Base Current
160
mA
PC
Collector power dissipation
500
1000(Note 1)
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Note 1: Mounted on ceramic substrate (250mm
2 x 0.8t)
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
120
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage*
(IE=1mAdc, IC=0)
5
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=120Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio
(IC=0.1Adc, VCE=5.0Vdc)
80
---
240
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=0.5Adc, IB=50mAdc)
---
---
1.0
Vdc
VBE
Base-Emitter Voltage
(IC=0.5Adc, VCE=5.0Vdc)
---
---
1.0
Vdc
fT
Transition Frequency
(IC=0.1Adc, VCE=5.0Vdc)
---
120
---
MHz
Cob
Collector Output Capacitance
(VCB=10V, IE=0, f=1MHz)
---
---
30
pF
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC





 

 
 
















25











































SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
TM
Micro Commercial Components
CLASSIFICATION OF HFE
Rank
Range
Marking
OY
80-160
120-240
CO1
CY1
www.mccsemi.com
1 of 3
B
A
E
D
G
H
F
K
J
C
1
2
3
2SC2881-Y
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ.
Max
Units
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - 2SC2881-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2881-O KEXIN-2SC2881-O Datasheet
849Kb / 2P
   NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC2881-O YFWDIODE-2SC2881-O Datasheet
521Kb / 3P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2881-O MCC-2SC2881-O_13 Datasheet
268Kb / 3P
   NPN Silicon Power Transistors
More results

Similar Description - 2SC2881-O

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com