Electronic Components Datasheet Search |
|
LS03-1A66-PP-3000W Datasheet(PDF) 1 Page - Meder Electronic |
|
LS03-1A66-PP-3000W Datasheet(HTML) 1 Page - Meder Electronic |
|
1 / 1 page LS03-1A71-PP-3000W LS03-1A66-PP-3000W Item: | Email: salesasia@meder.com 9532661304 +852 / 2955 1682 Asia: | Email: salesusa@meder.com +1 / 508 295 0771 USA: Item No.: | Email: info@meder.com +49 / 7731 8399 0 Europe: Special Product Data Conditions Min Typ Max Unit not to exceed their individual max.'s Contact rating DC or Peak AC Switching voltage DC or Peak AC Carry current DC or Peak AC Switching current !"## Sensor deactivated Sensor-resistance PP Housing material nature Case colour Polyurethan Sealing compound Environmental data Conditions Min Typ Max Unit $ %& cable not moved Operating temperature $ % cable moved Operating temperature $ %& Storage temperature IP68 DIN EN 60529 Safety class Cable specification Conditions Min Typ Max Unit round cable Cable type PVC Cable material 0,14 sq-mm Cross section General data Conditions Min Typ Max Unit over 5m cable, a resistor is recommended. Mounting advice ' & Tightening torque Modifications in the sense of technical progress are reserved 23.02.07 WKOVACS WKOVACS 05 Version: Designed by: Last Change at: Designed at: Last Change by: 17.06.10 DKUECHLER HWEDELE Approval by: Approval by: 27.02.07 Approval at: Approval at: 24.06.10 |
Similar Part No. - LS03-1A66-PP-3000W |
|
Similar Description - LS03-1A66-PP-3000W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |