Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-101VK Datasheet(PDF) 3 Page - Rohm

Part # LA-101VK
Description  High efficiency, single-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-101VK Datasheet(HTML) 3 Page - Rohm

  LA-101VK Datasheet HTML 1Page - Rohm LA-101VK Datasheet HTML 2Page - Rohm LA-101VK Datasheet HTML 3Page - Rohm LA-101VK Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA-101AK Series
LED displays
Rev.B
3/3
Electrical and optical characteristic curves
Fig.1 Forward Current - Forward Voltage
LA-101MA
LA-101MK
LA-101VA
LA-101VK
0.1
1
10
100
1
1.5
2
2.5
3
Ta=25
°C
Forward Voltage:VF(V)
Fig.2 Relative Luminous Intensity - Forward Current
0.01
0.10
1.00
10.00
1
10
100
Forward Current:IF(mA)
Ta=25
°C
Fig.3 Relative Luminous Intensity - Case Temperature
0.4
0.6
1.2
1.4
1.6
Case Temparature (
°C)
IF=10mA
-25 -15 -5
5
15
25 35 45 55 65
75
0.8
1
Fig.4 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
Ι )
LA-101MA
LA-101MK
1
10
100
1000
10000
100000
Pulse Duration : tw(µs)
1
10
Fig.5 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙ )
1
10
1
10
100
1000
10000
Pulse Duration : tw(µs)
LA-101VA
LA-101VK
Fig.6 Derating
0%
20%
40%
60%
80%
100%
120%
Ambient Temperature(
°C)
-25 -15 -5
5
15 25 35 45 55 65 75 85


Similar Part No. - LA-101VK

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-101VK ROHM-LA-101VK Datasheet
67Kb / 3P
   High efficiency, single-digit numeric displays
LA-101VK ROHM-LA-101VK Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
More results

Similar Description - LA-101VK

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_1 Datasheet
67Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_1 Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_11 Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK Datasheet
57Kb / 2P
   High efficiency, single-digit numeric displays
LA-601BL ROHM-LA-601BL Datasheet
58Kb / 2P
   High efficiency, single-digit numeric displays
LA-801FP ROHM-LA-801FP Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com