Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-301AB Datasheet(PDF) 3 Page - Rohm

Part # LA-301AB
Description  Single Digit LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-301AB Datasheet(HTML) 3 Page - Rohm

  LA-301AB Datasheet HTML 1Page - Rohm LA-301AB Datasheet HTML 2Page - Rohm LA-301AB Datasheet HTML 3Page - Rohm LA-301AB Datasheet HTML 4Page - Rohm LA-301AB Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA-301 B / L Series
LED displays
Rev.C
3/4
Electrical and optical characteristic curve
Fig.1 Forward Current - Forward Voltage
LA-301MB
LA-301ML
LA-301VB
LA-301VL
LA-301BB
LA-301BL
LA-301XB
LA-301XL
LA-301XB
LA-301XL
1
2
3
4
5
Forward Voltage:VF(V)
Ta=25
°C
0.1
100
1
10
LA-301EB
LA-301EL
LA-301AB
LA-301AL
Fig.2 Relative Luminous Intensity - Forward Current
LA-301XB
LA-301XL
LA-301XB
LA-301XL
LA-301EB
LA-301EL
LA-301AB
LA-301AL
LA-301MB
LA-301ML
LA-301VB
LA-301VL
0.01
0.10
1.00
10.00
1
10
100
Forward Current:IF(mA)
LA-301BB
LA-301BL
Ta=25
°C
Fig.3 Relative Luminous Intensity - Case Temperature
0.4
0.6
1.2
1.4
1.6
Case Temparature (
°C)
IF=10mA
-25 -15 -5
5
15
25 35 45 55 65
75
0.8
1
LA-301MB
LA-301ML
LA-301VB
LA-301VL
LA-301BB
LA-301BL
LA-301XB
LA-301XL
LA-301XB
LA-301XL
LA-301EB
LA-301EL
LA-301AB
LA-301AL
Fig.4 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
Ι )
1
10
1
10
100
1000
10000
5
Pulse Duration tw(µs)
LA-301BB
LA-301BL
Fig.5 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙ )
1
10
1
10
100
1000
10000
Pulse Duration : Tw (µs)
LA-301XB
LA-301XL
LA-301XB
LA-301XL
LA-301EB
LA-301EL
LA-301AB
LA-301AL
Fig.6 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙΙ )
LA-301MB
LA-301ML
1
10
100
1000
10000
100000
Pulse Duration : tw(µs)
1
10


Similar Part No. - LA-301AB

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-301AB ROHM-LA-301AB Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results

Similar Description - LA-301AB

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com