Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-301MB Datasheet(PDF) 2 Page - Rohm

Part # LA-301MB
Description  Single Digit LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-301MB Datasheet(HTML) 2 Page - Rohm

  LA-301MB Datasheet HTML 1Page - Rohm LA-301MB Datasheet HTML 2Page - Rohm LA-301MB Datasheet HTML 3Page - Rohm LA-301MB Datasheet HTML 4Page - Rohm LA-301MB Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA-301 B / L Series
LED displays
Rev.C
2/4
Absolute maximum ratings (Ta=25
°C)
Parameter
Unit
mW
mW
mA
mA
V
˚C
˚C
Red
LA-301VB / VL
320
40
15
60
5
Green
LA-301MB / ML
480
60
20
60
5
Blue
LA-301BB / BL
336
42
10
50
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Symbol
∗1 Pulse width 1ms Duty 1 / 5
∗2 Pulse width 0.1ms Duty 1 / 10
∗1
∗2
∗2
∗2
∗1
∗2
LA-301AB / AL
520
65
25
50
5
Red
(High brightness)
LA-301EB / EL
520
65
25
50
5
Orange
(High brightness)
LA-301XB / XL
520
65
25
50
5
Yellow
(High brightness)
Electrical characteristics (Ta=25
°C)
Parameter
Red
Typ.
Unit
V
µA
nm
nm
2.0
650
40
Max.
2.8
100
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
The products are not radiations resistant.
Typ.
2.05
626
18
Max.
2.6
100
Typ.
2.05
610
17
Max.
2.6
100
Typ.
2.05
589
15
Max.
2.6
100
Typ.
2.1
563
40
Max.
2.8
100
Typ.
3.6
470
26
Max.
4.2
100
∗∗
∗∗
∗∗
Green
Blue
Shows the number on the condition of IF=20mA.
Yellow
(High brightness)
Red
(High brightness)
Orange
(High brightness)
Luminous intensity
λP (nm)
Unit
Color
650
Type
LA-301VB
Min.
3.6
Typ.
10
mcd
626
LA-301AB
36
90
mcd
610
LA-301EB
36
90
mcd
589
LA-301XB
36
90
mcd
563
LA-301MB
3.6
10
mcd
470
LA-301BB
LA-301VL
LA-301AL
LA-301EL
LA-301XL
LA-301ML
LA-301BL
14
56
mcd
Red
Red (High brightness)
Orange (High brightness)
Yellow (High brightness)
Green
Blue
A condition of measurement is IF
=10mA.


Similar Part No. - LA-301MB

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-301MB ROHM-LA-301MB Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results

Similar Description - LA-301MB

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com