Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-303VA Datasheet(PDF) 2 Page - Rohm

Part # LB-303VA
Description  High efficiency, three-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-303VA Datasheet(HTML) 2 Page - Rohm

  LB-303VA Datasheet HTML 1Page - Rohm LB-303VA Datasheet HTML 2Page - Rohm LB-303VA Datasheet HTML 3Page - Rohm LB-303VA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.C
Data Sheet
LB-303AK Series
Internal circuit schematic (example of common anode)
a
9
b
7
c
1
d
3
e
10
f
8
g
11
D.P
6
5 Dig.3
4 Dig.2
2 Dig.1
Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
Red
Unit
LB-303VA / VK
LB-303MA / MK
960
40
15
60∗
3
mW
mW
mA
mA
V
°C
°C
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Green
1440
60
20
60∗
3
−25 to +75
−30 to +85
Pulse width 1ms duty 1 / 5
Electrical and optical characteristics (Ta = 25
C)
Parameter
Symbol
Red
Green
Unit
Conditions
Min.
Typ. Max.
V
μA
nm
nm
2.8
2.0
650
40
100
−−
Min.
Typ. Max.
2.8
2.1
563
40
100
−−
IF
= 10mA
VR
= 3V
IF
= 10mA
IF
= 10mA
VF
IR
λP
Δλ
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
Not designed for radiation resistance.
Luminous intensity
Unit
Min.
Typ.
Max.
Color
λP
Type
Red
Green
650
563
LB-303VA
LB-303VK
LB-303MA
LB-303MK
1.4
4.0
mcd
2.2
6.3
mcd
Note : Measured at IF = 10mA


Similar Part No. - LB-303VA

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-303VA ROHM-LB-303VA Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-303VA ROHM-LB-303VA Datasheet
360Kb / 5P
   Three-digit LED numeric displays
More results

Similar Description - LB-303VA

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com