Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-502MD Datasheet(PDF) 2 Page - Rohm

Part # LB-502MD
Description  High efficiency, two-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-502MD Datasheet(HTML) 2 Page - Rohm

  LB-502MD Datasheet HTML 1Page - Rohm LB-502MD Datasheet HTML 2Page - Rohm LB-502MD Datasheet HTML 3Page - Rohm LB-502MD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB-502DN Series
LED displays
Rev.C
2/3
Internal circuit schematic (example of common anode)
Dig.1
14
a1
16
b1
15
c1
3
d1
2
e1
1
f1
18
g1
17
D.P1
4
COM
Dig.2
13
a2
11
b2
10
c2
8
d2
6
e2
5
f2
12
g2
7
D.P2
9
COM
Absolute maximum ratings (Ta=25
°C)
960
60
20
60∗
5
960
60
20
60∗
5
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LB-502VD / VN
Unit
mW
mW
mA
mA
V
˚C
˚C
960
60
20
60∗
5
Orange
LB-502DD / DN
Green
LB-502MD / MN
−25∼+75
−30∼+85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
Electrical and optical characteristics (Ta=25
°C)
Not designed for radiation resistance.
Symbol
Unit
Parameter
Red
Spectral line half
width
∆λ
nm
Peak wavelength
λP
nm
Reverse current
IR
µA
Forward voltage
VF
Conditions
IF
=10mA
IF
=10mA
VR
=5V
IF
=10mA
Min.
40
650
2.0
Typ.
100
2.8
Max.
Orange
Min.
40
610
2.0
Typ.
100
2.8
Max.
Green
Min.
40
563
2.1
Typ.
100
2.8
Max.
V
Luminous intensity
Green
λP
Unit
Color
Red
650
Type
LB-502VN
LB-502VD
Min.
5.6
Typ.
16
Max.
mcd
Orange
610
LB-502DN
LB-502DD
5.6
16
mcd
563
LB-502MN
LB-502MD
9.0
25
mcd
Note : Measured at IF=10mA


Similar Part No. - LB-502MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-502MD ROHM-LB-502MD Datasheet
72Kb / 3P
   High efficiency, two-digit numeric displays
LB-502MD ROHM-LB-502MD Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-502MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com