Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-301VA Datasheet(PDF) 2 Page - Rohm

Part # LF-301VA
Description  Single Digit Surface Mount LED Numeric Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LF-301VA Datasheet(HTML) 2 Page - Rohm

  LF-301VA Datasheet HTML 1Page - Rohm LF-301VA Datasheet HTML 2Page - Rohm LF-301VA Datasheet HTML 3Page - Rohm LF-301VA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF-301 A / K Series
LED displays
Rev.B
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Red
LF-301VA / VK
Unit
mW
mW
mA
mA
V
˚C
˚C
320
40
15
60
5
Green
LF-301MA / MK
480
60
20
60
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Peak forward current
Operating temperature
Storage temperature
Symbol
∗Pulse width 1ms Duty 1 / 5
∗∗
Power dissipation
Power dissipation
Forward current
Reverse voltage
Electrical characteristics (Ta=25
°C)
Parameter
Red
Typ.
Unit
V
µA
nm
nm
2.0
650
40
Max.
2.8
100
Green
VF
IR
λP
∆λ
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
Typ.
2.1
563
40
Max.
2.8
100
The products are not radiations resistant.
Reverse current
Forward voltage
Luminous intensity
λP (nm)
Unit
Color
Red
650
Type
LF-301VA
Min.
3.6
Typ.
10
mcd
Green
563
LF-301MA
3.6
10
mcd
LF-301VK
LF-301MK


Similar Part No. - LF-301VA

ManufacturerPart #DatasheetDescription
logo
Rohm
LF-301VA ROHM-LF-301VA Datasheet
66Kb / 3P
   Single Digit Surface Mount LED Numeric Display
LF-301VAMA ROHM-LF-301VAMA Datasheet
66Kb / 3P
   Single Digit Surface Mount LED Numeric Display
More results

Similar Description - LF-301VA

ManufacturerPart #DatasheetDescription
logo
Rohm
LF-301VAMA ROHM-LF-301VAMA Datasheet
66Kb / 3P
   Single Digit Surface Mount LED Numeric Display
LF-3011 ROHM-LF-3011 Datasheet
917Kb / 6P
   Single Digit Surface Mount LED Numeric Display
2018.05 - Rev.E
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com