Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXH50N60C3D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXXH50N60C3D1
Description  Extreme Light Punch Through IGBT for 20-60 kHz Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH50N60C3D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXXH50N60C3D1 Datasheet HTML 1Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 2Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 3Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 4Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 5Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 6Page - IXYS Corporation IXXH50N60C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.4
0.6
0.8
1.0
1.2
5
10152025
3035404550
RG - Ohms
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 360V
I C = 36A
I C = 54A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
50
60
70
80
90
100
110
120
5
101520253035404550
RG - Ohms
0
50
100
150
200
250
300
350
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 360V
I C = 36A
I C = 54A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.1
0.2
0.3
0.4
0.5
0.6
0.7
18
22
26
30
34
38
42
46
50
54
IC - Amperes
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 360V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
25
50
75
100
125
150
TJ - Degrees Centigrade
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 360V
I C = 36A
I C = 54A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
0
20
40
60
80
100
120
140
160
18
22
26
30
34
38
42
46
50
54
IC - Amperes
40
50
60
70
80
90
100
110
120
t f i
td(off) - - - -
RG = 5, VGE = 15V
VCE = 360V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
20
30
40
50
60
70
80
90
100
110
120
25
50
75
100
125
150
TJ - Degrees Centigrade
40
45
50
55
60
65
70
75
80
85
90
t f i
td(on) - - - -
RG = 5, VGE = 15V
VCE = 360V
I C = 54A
I C = 36A
IXXH50N60C3D1


Similar Part No. - IXXH50N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH50N60C3 IXYS-IXXH50N60C3 Datasheet
182Kb / 6P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
More results

Similar Description - IXXH50N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N65C4D1 IXYS-IXXH30N65C4D1 Datasheet
218Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3 IXYS-IXXH50N60C3 Datasheet
182Kb / 6P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH100N60B3 IXYS-IXXH100N60B3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 10-30 kHz Switching
IXXH30N65B4D1 IXYS-IXXH30N65B4D1 Datasheet
217Kb / 7P
   Extreme Light Punch Through IGBT for 5-30 kHz Switching
IXXH40N65B4D1 IXYS-IXXH40N65B4D1 Datasheet
233Kb / 7P
   Extreme Light Punch Through IGBT for 5-30 kHz Switching
IXXKX100N60C3H1 IXYS-IXXKX100N60C3H1 Datasheet
248Kb / 7P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXH100N60C3 IXYS-IXXH100N60C3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXN200N65A4 IXYS-IXXN200N65A4 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 5-20kHz Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com