Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXH100N60C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXXH100N60C3
Description  Extreme Light Punch Through IGBT for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH100N60C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXXH100N60C3 Datasheet HTML 1Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 2Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 3Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 4Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 5Page - IXYS Corporation IXXH100N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH100N60C3
IXYS REF: IXX_100N60C3(7D)9-30-10-A
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
IC - Amperes
24
26
28
30
32
34
36
38
t r i
td(on) - - - -
RG = 2, VGE = 15V
VCE = 360V
TJ = 25ºC
TJ = 150ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
180
25
50
75
100
125
150
TJ - Degrees Centigrade
27
28
29
30
31
32
33
34
35
36
t r i
td(on) - - - -
RG = 2, VGE = 15V
VCE = 360V
I C = 100A
I C = 50A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
20
40
60
80
100
120
140
160
180
234
56
78
9
10
11
12
13
14
15
RG - Ohms
20
28
36
44
52
60
68
76
84
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 360V
I C = 50A
I C = 100A


Similar Part No. - IXXH100N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH100N60B3 IXYS-IXXH100N60B3 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 10-30 kHz Switching
More results

Similar Description - IXXH100N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXKX100N60C3H1 IXYS-IXXKX100N60C3H1 Datasheet
248Kb / 7P
   Extreme Light Punch Through IGBT for 20-60kHz Switching
IXXH30N65C4D1 IXYS-IXXH30N65C4D1 Datasheet
218Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3D1 IXYS-IXXH50N60C3D1 Datasheet
201Kb / 7P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3 IXYS-IXXH50N60C3 Datasheet
182Kb / 6P
   Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXP12N65B4D1 IXYS-IXXP12N65B4D1 Datasheet
227Kb / 7P
   Extreme Light Punch Through IGBT for 5-30kHz Switching
MMIX1X100N60B3H1 IXYS-MMIX1X100N60B3H1 Datasheet
305Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXN200N65A4 IXYS-IXXN200N65A4 Datasheet
179Kb / 6P
   Extreme Light Punch Through IGBT for 5-20kHz Switching
MMIX1X200N60B3H1 IXYS-MMIX1X200N60B3H1 Datasheet
250Kb / 8P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X340N65B4 IXYS-MMIX1X340N65B4 Datasheet
239Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
MMIX1X200N60B3 IXYS-MMIX1X200N60B3 Datasheet
241Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com